Electronic Components Datasheet Search
  English  ▼

X  

MSM6262 Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSM6262
Description  DOT MATRIX LCD CONTROLLER WITH 48-DOT COMMON DRIVER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6262 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSM6262 Datasheet HTML 14Page - OKI electronic componets MSM6262 Datasheet HTML 15Page - OKI electronic componets MSM6262 Datasheet HTML 16Page - OKI electronic componets MSM6262 Datasheet HTML 17Page - OKI electronic componets MSM6262 Datasheet HTML 18Page - OKI electronic componets MSM6262 Datasheet HTML 19Page - OKI electronic componets MSM6262 Datasheet HTML 20Page - OKI electronic componets MSM6262 Datasheet HTML 21Page - OKI electronic componets MSM6262 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
¡ Semiconductor
MSM6262-xx
18/52
Reset Waveform
VDD
RESET
4.5 V
0 V
tRR1
tRR2
tRR2
VIL
VIH
VIL
VIL
VIH
tRLW
Refer to the DC Characteristics for the definition of VIH, VIL, VOH, and VOL.
(VDD = 4.5 to 5.5 V, Ta = –20 to +75°C)
Parameter
Symbol
Min.
Max.
Unit
"L" Input Time upon power on
"L" Input Width when in operation
Rise Time
tRR1
0.25
––
ms
tRLW
0.5
––
ms
tRR2
0.1
200
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com