Electronic Components Datasheet Search
  English  ▼

X  

AIC809 Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC809
Description  3-PIN MICROPROCESSOR RESET CIRCUITS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC809 Datasheet(HTML) 7 Page - Analog Intergrations Corporation

  AIC809 Datasheet HTML 1Page - Analog Intergrations Corporation AIC809 Datasheet HTML 2Page - Analog Intergrations Corporation AIC809 Datasheet HTML 3Page - Analog Intergrations Corporation AIC809 Datasheet HTML 4Page - Analog Intergrations Corporation AIC809 Datasheet HTML 5Page - Analog Intergrations Corporation AIC809 Datasheet HTML 6Page - Analog Intergrations Corporation AIC809 Datasheet HTML 7Page - Analog Intergrations Corporation AIC809 Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AIC809/AIC810
PIN DESCRIPTIONS
7
GND Pin
: Ground.
RESET Pin (AIC809) : Active low output pin. RESET Output remains low while Vcc is below the reset
threshold.
RESET Pin (AIC810)
: Active high output pin. RESET output remains high while Vcc is below the reset
threshold.
Vcc Pin
: Supply voltage.
DETAIL DESCRIPTIONS OF TECHNICAL TERMS
RESET OUTPUT
μ
P will be activated at a valid reset state. These
μ
P supervisory circuits assert reset to prevent
code
execution
errors
during
power-up,
power-down, or brownout conditions.
RESET is guaranteed to be a logic low for
VTH>VCC>0.9V. Once VCC exceeds the reset
threshold, an internal timer keeps RESET low
for the reset timeout period; after this interval,
RESET goes high.
If a brownout condition occurs (VCC drops below
the reset threshold), RESET goes low. Any time
VCC goes below the reset threshold, the internal
timer resets to zero, and RESET goes low. The
internal timer is activated after VCC returns
above the reset threshold, and RESET remains
low for the reset timeout period.
BENEFITS OF HIGHLY ACCURATE RESET
THRESHOLD
AIC809/810 with specified voltage as 5V±10% or
3V±10% are ideal for systems using a 5V±5% or
3V±5% power supply. The reset is guaranteed to
assert after the power supply falls out of regulation,
but before power drops below the minimum
specified operating voltage range of the system
ICs. The pre-trimmed thresholds are reducing the
range over which an undesirable reset may occur.
APPLICATION INFORMATION
NEGATIVE-GOING VCC TRANSIENTS
In addition to issuing a reset to the μP during
power-up, power-down, and brownout conditions,
AIC809
series
are
relatively
resistant
to
short-duration negative-going VCC transient.
ENSURING A VALID RESET OUTPUT DOWN
TO VCC=0
When VCC falls below 0.9V, AIC809 RESET
output no longer sinks current; it becomes an
open circuit. In this case, high-impedance CMOS
logic inputs connecting to RESET can drift to
undetermined voltages. Therefore, AIC809/810
with CMOS is perfect for most applications of VCC
below 0.9V. However in applications where
RESET must be valid down to 0V, adding a
pull-down resistor to RESET causes any leakage
currents to flow to ground, holding RESET low.
INTERFACING TO μP WITH BIDIRECTIONAL
RESET PINS
The RESET output on the AIC809N is open drain,
this device interfaces easily with μPs that have
bidirectional reset pins. Connecting the μ P
supervisor’s RESET output directly to the
microcontroller’s RESET pin with a single pull-up
resistor allows either device to assert reset.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com