Electronic Components Datasheet Search
  English  ▼

X  

DSP56857 Datasheet(PDF) 311 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 311 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 307Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 308Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 309Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 310Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 311Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 312Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 313Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 314Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 315Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 662 page
background image
Functional Description
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-11
If the Normal mode is configured to provide more than one time slot per frame, data is
transmitted only in the first time slot. No data is transmitted in subsequent time slots. Figure 12-2
and Figure 12-3 show sample timing of Normal mode transfers.
12.5.1.1 Normal Mode Transmit
Conditions for data transmission from the ESSI in the Normal mode:
1. Set the STXCR, SCR2, SCR3, and SCR4 registers to select Normal mode operation.
2. Define the transmit clock, transmit frame sync and frame structure required for proper
system operation.
3. ESSI enabled (ESSIEN = 1)
4. Enable TXFIFO (TFEN = 1) and configure the Transmit Watermark (TFWM = n) if this
TXFIFO is used.
5. Write data to the Transmit Data (STX) register.
6. Enable transmit interrupts.
7. Set the TE bit (TE = 1) to enable the transmitter on the next frame sync boundary.
Figure 12-2 and Table 12-6 describe the functions performed during transmit operation in this
mode.
Figure 12-2. Normal Mode Transmit Timing (WL=8 Bit Words, DC = 1)
Valid
Indefinite transition depends on SW interrupt processing
Invalid
SCK
SC2
STX register
TDE status bit / interrupt
TXSR register
STD
2
4
6
7
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com