Electronic Components Datasheet Search
  English  ▼

X  

DSP56857 Datasheet(PDF) 349 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 349 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 345Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 346Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 347Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 348Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 349Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 350Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 351Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 352Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 353Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-49
12.8.10.9 Serial Control Direction 1 (SCD1)—Bit 3
This bit controls the direction of the SC1 pin depending on the state of other controls as shown in
Table 12-15.
•
0 = SC1 is an input
•
1 = SC1 is an output
12.8.10.10 Serial Control Direction 0 (SCD0)—Bit 2
This bit controls the direction of the SC0 pin depending on the state of other controls as shown in
Table 12-16.
•
0 = SC0 is an input
•
1 = SC0 is an output
12.8.10.11 Serial Output Flag 1 (OF1)—Bit 1
When SC1 is configured for Output Flag functionality, data provided in Table 12-15, this control
bit determines the state of the output pin. Changes in the OF1 bit will appear on the SC1 pin at the
beginning of the next frame in the Normal mode, or at the beginning of the next time slot in the
Network mode.
Table 12-15.
Control Modes Where SCD1 is Used
SYN
TE2
Functional State
0
x
SCD1 control direction of SC1
1
0
SC1 is used as flag 1 where SCD1 determines whether it is an output flag or an output flag
1
1
SC1 is an output
Table 12-16.
Control Modes Where SCD0 is Used
SYN
TE2
Functional State
0
x
SCD0 control direction of SCI0
1
0
SC0 is used as flag 0 where SCD0 determines whether it is an output flag or an output flag
1
1
SC0 is an output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com