Electronic Components Datasheet Search
  English  ▼

X  

DSP56857 Datasheet(PDF) 351 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 351 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 347Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 348Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 349Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 350Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 351Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 352Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 353Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 354Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 355Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-51
12.8.11.1 Prescaler Range (PSR)—Bit 15
This bit controls a fixed divide-by-eight prescaler in series with the variable prescaler. It extends
the range of the prescaler for those cases where a slower bit clock is desired.
•
0 = When the PSR bit is cleared, the fixed prescaler is by-passed.
•
1 = When the PSR bit is set, the fixed divide-by eight prescaler is operational. This allows
a 128kHz master clock to be generated for MC1440x series codecs. The maximum
internally generated bit clock frequency is f IP_CLK /(2×2) and the minimum internally
generated bit clock frequency is f IP_CLK /(4 × 2 × 8 × 256 × 2).
12.8.11.2 Word Length Control (WL)—Bits 14–13
These bits are used to select the length of the data words being transferred by the ESSI. Word
lengths of 8, 10, 12, or 16 bits can be selected. Table 12-17 denotes the WL two-bit field
encoding.
These bits control the Word Length Divider shown in the ESSI Clock Generator. The WL control
bit also controls the frame sync pulse length when the TFSL (or RFSL) bit is cleared.
12.8.11.3 Frame Rate Divider Control (DC)—Bits 12–8
This bit field controls the divide ratio for the programmable frame rate dividers. The divide ratio
operates on the word clock. In the Normal mode, this ratio determines the word transfer rate. The
divide ratio ranges from 1 to 32 (DC[4:0] = 00000 to 11111) in the Normal mode. A divide ratio
of one (DC = 00000) provides continuous periodic data word transfer. A bit-length sync must be
used in this case. In the Network mode, this ratio sets the number of words per frame. The divide
ratio ranges from 2 to 32 (DC[4:0] = 00001 to 11111) in the Network mode. A divide ratio of one
(DC = 00000) in the Network mode is a special case (on Demand mode) not supported.
Table 12-17.
WL Encoding
WL
Number of Bits/Word
00
8
01
10
10
12
11
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com