Electronic Components Datasheet Search
  English  ▼

X  

CP108 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CP108
Description  Schottky Rectifier, Schottky Barrier Rectifier Chip - 2.0 Amp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CP108 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CP108 Datasheet HTML 1Page - Central Semiconductor Corp CP108 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRINCIPAL DEVICE TYPES
1N5817
1N5818
1N5819
CXSH-4
CZSH-4
Process
EPITAXIAL PLANAR
Die Size
52 X 52 MILS
Die Thickness
9 MILS
Anode Bonding Pad Area
47 X 47 MILS
Top Side Metalization
Al - 20,000Å
Back Side Metalization
Au - 10,000Å
PROCESS DETAILS
R8 (9 -September 2003)
GEOMETRY
BACKSIDE CATHODE
145 Adams Avenue
Hauppauge, NY 11788 USA
Tel: (631) 435-1110
Fax: (631) 435-1824
www.centralsemi.com
GROSS DIE PER 4 INCH WAFER
5,110
Central
Semiconductor Corp.
TM
PROCESS
CP108
Schottky Rectifier
Schottky Barrier Rectifier Chip - 2.0 Amp


Similar Part No. - CP108

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP108-1N5819-CT CENTRAL-CP108-1N5819-CT Datasheet
465Kb / 9P
P-Channel JFET Die
R1 17-January 2018
CP108-1N5819-CT CENTRAL-CP108-1N5819-CT Datasheet
530Kb / 9P
PNP - High Voltage Transistor Die
R0 8-August 2019
CP108-CRSH2-4-CT CENTRAL-CP108-CRSH2-4-CT Datasheet
465Kb / 9P
P-Channel JFET Die
R1 17-January 2018
CP108-CRSH2-4-CT CENTRAL-CP108-CRSH2-4-CT Datasheet
530Kb / 9P
PNP - High Voltage Transistor Die
R0 8-August 2019
CP108-CRSH2-5-CT CENTRAL-CP108-CRSH2-5-CT Datasheet
465Kb / 9P
P-Channel JFET Die
R1 17-January 2018
More results

Similar Description - CP108

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH2-20-1 CENTRAL-CMSH2-20-1 Datasheet
55Kb / 2P
SCHOTTKY BARRIER RECTIFIER 2.0 AMP, 20 THRU 100 VOLTS
CMSH2-20 CENTRAL-CMSH2-20 Datasheet
530Kb / 2P
SCHOTTKY BARRIER RECTIFIER 2.0 AMP, 20THRU 60 VOLTS
logo
Diodes Incorporated
SR202 DIODES-SR202 Datasheet
49Kb / 2P
2.0 AMPERE SCHOTTKY BARRIER RECTIFIER
logo
Fuji Electric
1N5820 FUJI-1N5820 Datasheet
809Kb / 1P
3 AMP SCHOTTKY BARRIER RECTIFIER
logo
Central Semiconductor C...
CPD77 CENTRAL-CPD77 Datasheet
38Kb / 1P
Schottky Rectifier 3.0A Schottky Barrier Rectifier Chip
CPD81 CENTRAL-CPD81 Datasheet
221Kb / 2P
Schottky Rectifier 5 Amp Schottky Barrier Rectifier Chip
logo
Microsemi Corporation
FST4515 MICROSEMI-FST4515 Datasheet
131Kb / 2P
40 AMP SCHOTTKY BARRIER RECTIFIER
logo
TAITRON Components Inco...
TSR220 TAITRON-TSR220 Datasheet
185Kb / 4P
2.0 A SCHOTTKY BARRIER RECTIFIER
logo
Microsemi Corporation
1N5819 MICROSEMI-1N5819_10 Datasheet
74Kb / 3P
1 AMP SCHOTTKY BARRIER RECTIFIER CHIP
logo
Central Semiconductor C...
CPD85V CENTRAL-CPD85V Datasheet
453Kb / 2P
1 Amp Schottky Barrier Rectifier Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com