Electronic Components Datasheet Search
  English  ▼

X  

GS832018 Datasheet(PDF) 14 Page - GSI Technology

Part # GS832018
Description  2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS832018 Datasheet(HTML) 14 Page - GSI Technology

Back Button GS832018 Datasheet HTML 10Page - GSI Technology GS832018 Datasheet HTML 11Page - GSI Technology GS832018 Datasheet HTML 12Page - GSI Technology GS832018 Datasheet HTML 13Page - GSI Technology GS832018 Datasheet HTML 14Page - GSI Technology GS832018 Datasheet HTML 15Page - GSI Technology GS832018 Datasheet HTML 16Page - GSI Technology GS832018 Datasheet HTML 17Page - GSI Technology GS832018 Datasheet HTML 18Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
GS832018/32/36T-250/225/200/166/150/133
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 10/2004
14/25
© 2003, GSI Technology
Note:
These parameters are sample tested.
Capacitance
(TA = 25oC, f = 1 MHZ, VDD = 2.5 V)
Parameter
Symbol
Test conditions
Typ.
Max.
Unit
Input Capacitance
CIN
VIN = 0 V
45
pF
Input/Output Capacitance
CI/O
VOUT = 0 V
67
pF
AC Test Conditions
Parameter
Conditions
Input high level
VDD – 0.2 V
Input low level
0.2 V
Input slew rate
1 V/ns
Input reference level
VDDQ/2
Output reference level
VDDQ/2
Output load
Fig. 1
Notes:
1. Include scope and jig capacitance.
2. Test conditions as specified with output loading as shown in Fig. 1
unless otherwise noted.
3. Device is deselected as defined by the Truth Table.
20% tKC
VSS – 2.0 V
50%
VSS
VIH
Undershoot Measurement and Timing
Overshoot Measurement and Timing
20% tKC
VDD + 2.0 V
50%
VDD
VIL
DQ
VDDQ/2
50
Ω
30pF*
Output Load 1
* Distributed Test Jig Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com