Electronic Components Datasheet Search
  English  ▼

X  

R0.5ZX Datasheet(PDF) 1 Page - Recom International Power

Part # R0.5ZX
Description  0.5 Watt SMD Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.5ZX Datasheet(HTML) 1 Page - Recom International Power

  R0.5ZX Datasheet HTML 1Page - Recom International Power R0.5ZX Datasheet HTML 2Page - Recom International Power R0.5ZX Datasheet HTML 3Page - Recom International Power R0.5ZX Datasheet HTML 4Page - Recom International Power R0.5ZX Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.recom-power.com
REV.: 0/2019
ECO-1
Features
Regulated
Converters
• Regulated output with internal linear regulator
• Isolated 0.5W power in SMD package
• Up to 2kVDC isolation
• Industry standard pinout
• -40°C to +100°C operating temperature
• IEC/EN/UL62368-1 certified, CB report
R0.5ZX
Description
The R0.5ZX is similar to the R1SX but with the addition of an internal linear regulator to give a precise,
load-independent and low noise output. The output is also continuously short circuit protected. In the
event of a continuous overload or over-temperature condition, the output will shut down thus protecting
the converter from damage. The output will automatically restart once the fault condition has been lifted.
Typical applications include isolated 5V supplies for sensor, bus-interface and test and measurement
circuits.
DC/DC Converter
0.5 Watt
SMD
Single Output
E224736
UL62368-1 certified
CAN/CSA-C22.2 No. 62368-1-14 certified
UL60950-1 certified
CAN/CSA-C22.2 No. 60950-1-07 certified
IEC/EN62368-1 certified
IEC/EN60950-1 certified
CB report
EN55032 compliant
EN55024 compliant
Selection Guide
Part
nom. Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage
Voltage
Current
typ. (1)
Load (2)
[VDC]
[VDC]
[mA]
[%]
[µF]
R0.5ZX-0505/P (3)
5
5
100
71
470
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Note2: Max Cap Load is tested at nominal input and full resistive load
Model Numbering
Notes:
Note3: standard part is with continuous short circuit protection
Note4: without suffix, standard isolation voltage (1kVDC/1 second)
with suffix „/H“, high isolation voltage (2kVDC/1 second)
Note5: with suffix „-R“, standard packaging tape and reel
with suffix „-Tray“ for optional tray packaging
Packaging (5)
Protection (3)
Isolation Voltage (4)
Output Power
nom. Input Voltage
nom. Output Voltage
R0.5ZX-__ __ /_ P-R
Ordering Examples:
R0.5ZX-0505/P-R
5Vin
5Vout
Single Output
1kVDC/ 1 minute isolation
with SCP function
tape and reel packaging
R0.5ZX-0505/HP-R
5Vin
5Vout
Single Output
2kVDC/1 minute isolation
with SCP function
tape and reel packaging
R0.5ZX-0505/P-Tray
5Vin
5Vout
Single Output
1kVDC/ 1 minute isolation
with SCP function
tray packaging
R0.5ZX-0505/HP-Tray 5Vin
5Vout
Single Output
2kVDC/1 minute isolation
with SCP function
tray packaging


Similar Part No. - R0.5ZX

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R0.5Z RECOM-R0.5Z Datasheet
87Kb / 2P
0.5 Watt SMD Isolated Single Output
R0.5Z-1205H RECOM-R0.5Z-1205H Datasheet
87Kb / 2P
0.5 Watt SMD Isolated Single Output
R0.5Z-1205P RECOM-R0.5Z-1205P Datasheet
87Kb / 2P
0.5 Watt SMD Isolated Single Output
R0.5Z-1212H RECOM-R0.5Z-1212H Datasheet
87Kb / 2P
0.5 Watt SMD Isolated Single Output
R0.5Z-1212P RECOM-R0.5Z-1212P Datasheet
87Kb / 2P
0.5 Watt SMD Isolated Single Output
More results

Similar Description - R0.5ZX

ManufacturerPart #DatasheetDescription
logo
Power-One
CRD512 POWER-ONE-CRD512 Datasheet
45Kb / 2P
DUAL OUTPUT, 0.5 WATT
logo
Recom International Pow...
RZ-XX05S RECOM-RZ-XX05S Datasheet
74Kb / 2P
0.5 Watt SMD Isolated Single Output
R-78A1.5-0.5SMD RECOM-R-78A1.5-0.5SMD Datasheet
114Kb / 5P
0.5 AMP SMD Single Output
RZ-0505S RECOM-RZ-0505S_06 Datasheet
81Kb / 2P
0.5 Watt SMD Isolated Single Output
RZ RECOM-RZ_10 Datasheet
95Kb / 2P
0.5 Watt SMD Isolated Single Output
R1SE RECOM-R1SE Datasheet
227Kb / 3P
1 Watt SMD Single Output
R0.5S-3.305 RECOM-R0.5S-3.305 Datasheet
120Kb / 8P
0.5 Watt SMD Isolated Single or Dual Output
R0.5Z RECOM-R0.5Z Datasheet
87Kb / 2P
0.5 Watt SMD Isolated Single Output
R-78AA-0.5 RECOM-R-78AA-0.5 Datasheet
120Kb / 5P
0.5 AMP SMD Single Output
ROL-0505S RECOM-ROL-0505S Datasheet
87Kb / 2P
0.5 Watt SIP4 Single Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com