Electronic Components Datasheet Search
  English  ▼

X  

R1ZX Datasheet(PDF) 1 Page - Recom International Power

Part # R1ZX
Description  1 Watt SMD Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1ZX Datasheet(HTML) 1 Page - Recom International Power

  R1ZX Datasheet HTML 1Page - Recom International Power R1ZX Datasheet HTML 2Page - Recom International Power R1ZX Datasheet HTML 3Page - Recom International Power R1ZX Datasheet HTML 4Page - Recom International Power R1ZX Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.recom-power.com
REV.: 0/2019
ECO-1
Features
Regulated
Converters
• Regulated output with internal linear regulator
• Isolated 1W power in SMD package
• Up to 2kVDC isolation
• Industry standard pinout
• -40°C to +100°C operating temperature
• IEC/EN/UL62368-1 certified, CB report
R1ZX
Description
The R1ZX is similar to the R1SX but with the addition of an internal linear regulator to give a precise,
load-independent and low noise output. The output is also continuously short circuit protected. In the
event of a continuous overload or over-temperature condition, the output will shut down thus protecting
the converter from damage. The output will automatically restart once the fault condition has been lifted.
Typical applications include isolated 5V supplies for sensor, bus-interface and test and measurement
circuits.
DC/DC Converter
1 Watt
SMD
Single Output
E224736
UL62368-1 certified
CAN/CSA-C22.2 No. 62368-1-14 certified
UL60950-1 certified
CAN/CSA-C22.2 No. 60950-1-07 certified
IEC/EN62368-1 certified
IEC/EN60950-1 certified
CB report
EN55032 compliant
EN55024 compliant
Selection Guide
Part
nom. Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage
Voltage
Current
typ. (1)
Load (2)
[VDC]
[VDC]
[mA]
[%]
[µF]
R1ZX-0505/P (3)
5
5
200
68
1000
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Note2: Max Cap Load is tested at nominal input and full resistive load
Model Numbering
Notes:
Note3: standard part is with continuous short circuit protection
Note4: without suffix, standard isolation voltage (1kVDC/1 second)
with suffix „/H“, high isolation voltage (2kVDC/1 second)
Note5: with suffix „-R“, standard packaging tape and reel
with suffix „-Tray“ for optional tray packaging
Packaging (5)
Protection (3)
Isolation Voltage (4)
Output Power
nom. Input Voltage
nom. Output Voltage
R1ZX-__ __ /_ P-R
Ordering Examples:
R1ZX-0505/P-R
5Vin
5Vout
Single Output
1kVDC/ 1 minute isolation
with SCP function
tape and reel packaging
R1ZX-0505/HP-R
5Vin
5Vout
Single Output
2kVDC/1 minute isolation
with SCP function
tape and reel packaging
R1ZX-0505/P-Tray
5Vin
5Vout
Single Output
1kVDC/ 1 minute isolation
with SCP function
tray packaging
R1ZX-0505/HP-Tray
5Vin
5Vout
Single Output
2kVDC/1 minute isolation
with SCP function
tray packaging


Similar Part No. - R1ZX

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1Z RECOM-R1Z Datasheet
88Kb / 2P
1 Watt SMD Miniature Isolated Single Output
logo
List of Unclassifed Man...
R1Z-05 ETC2-R1Z-05 Datasheet
88Kb / 2P
1kVDC 2kVDC Isolation
R1Z-0505 ETC2-R1Z-0505 Datasheet
88Kb / 2P
1kVDC 2kVDC Isolation
R1Z-09 ETC2-R1Z-09 Datasheet
88Kb / 2P
1kVDC 2kVDC Isolation
R1Z-12 ETC2-R1Z-12 Datasheet
88Kb / 2P
1kVDC 2kVDC Isolation
More results

Similar Description - R1ZX

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSS-121.8 RECOM-RSS-121.8 Datasheet
114Kb / 4P
1 Watt SMD Single & Dual Output
R1S-0505 RECOM-R1S-0505 Datasheet
160Kb / 4P
1 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R1S-0505-E ETC2-R1S-0505-E Datasheet
110Kb / 2P
1 Watt SMD Single Output
R1SE-0505-R ETC2-R1SE-0505-R Datasheet
98Kb / 2P
1 Watt SMD Single Output
logo
Recom International Pow...
R1SE RECOM-R1SE Datasheet
227Kb / 3P
1 Watt SMD Single Output
R1S-E RECOM-R1S-E Datasheet
111Kb / 2P
1 Watt SMD Single Output
R1SE-H2 RECOM-R1SE-H2 Datasheet
285Kb / 4P
1 Watt SMD Single Output
R1SX RECOM-R1SX Datasheet
447Kb / 6P
1 Watt SMD Single Output
R1DX RECOM-R1DX Datasheet
1Mb / 8P
1 Watt SMD Single & Dual Output
R1M RECOM-R1M Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com