Electronic Components Datasheet Search
  English  ▼

X  

1460121 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1460121
Description  Housing - HC-B 16-TFL-H-O1PG29S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1460121 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1460121 Datasheet HTML 1Page - PHOENIX CONTACT 1460121 Datasheet HTML 2Page - PHOENIX CONTACT 1460121 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1460121
18.11.2013   Page 1 / 3
Housing - HC-B 16-TFL-H-O1PG29S - 1460121
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
HEAVYCON B16 sleeve housing, for single locking latch, height: 76 mm, with 1 x Pg29 gland, lateral cable outlet
Key commercial data
Packing unit
1 1
Custom tariff number
85389099
Country of origin
Germany
Technical data
Dimensions
Height
76 mm
Width
43 mm
Length
94 mm
Ambient conditions
Schutzart Gehäuse (IP)
IP65
Ambient temperature (operation)
-40 °C ... 125 °C
General
Note
For contact inserts HC-B16, BB32, D40, DD72, HS6, M, K
Design
B16
Housing type
Sleeve housings
Locking type
for single locking latch
No. of cable exits
1
Cable exit
Lateral
Screw connection
None
Type of the screw connection
1x Pg29
Housing material
Aluminum die-cast


Similar Part No. - 1460121

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1460122 PHOENIX-1460122 Datasheet
43Kb / 2P
Housing - HC-B 16-TFL-H-O1STM25G
1460123 PHOENIX-1460123 Datasheet
246Kb / 5P
Housing - HC-B 16-TFL-H-O1STM25S
02/04/2022
1460125 PHOENIX-1460125 Datasheet
51Kb / 3P
Housing - HC-B 16-TFL-H-O1STM32S
1460126 PHOENIX-1460126 Datasheet
55Kb / 3P
Housing - HC-B 16-TFL-H-O1STM40G
1460127 PHOENIX-1460127 Datasheet
55Kb / 3P
Housing - HC-B 16-TFL-H-O1STM40S
More results

Similar Description - 1460121

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1460024 PHOENIX-1460024 Datasheet
53Kb / 3P
Housing - HC-B 6-TFL-H-O1PG29S
1460051 PHOENIX-1460051 Datasheet
51Kb / 3P
Housing - HC-B 10-TFL-H-O1PG29S
1460117 PHOENIX-1460117 Datasheet
42Kb / 2P
Housing - HC-B 16-TFL-H-O1M32S
1460149 PHOENIX-1460149 Datasheet
51Kb / 3P
Housing - HC-B 16-TFQ-H-O1PG29S
1460194 PHOENIX-1460194 Datasheet
53Kb / 3P
Housing - HC-B 24-TFL-N-O1PG29S
1460208 PHOENIX-1460208 Datasheet
51Kb / 3P
Housing - HC-B 24-TFL-H-O1PG29S
1673850 PHOENIX-1673850 Datasheet
59Kb / 3P
Housing - HC-B 16-TFL-76/O1PG29S
1674231 PHOENIX-1674231 Datasheet
61Kb / 3P
Housing - HC-B 24-TFL-60/O1PG29S
1675162 PHOENIX-1675162 Datasheet
56Kb / 3P
Housing - HC-B 48-TFL-96/O1PG29S
1678224 PHOENIX-1678224 Datasheet
58Kb / 3P
Housing - HC-B 6-TFL-72/O1PG29S
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com