Electronic Components Datasheet Search
  English  ▼

X  

TPS2045ADR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2045ADR
Description  CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2045ADR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS2045ADR Datasheet HTML 15Page - Texas Instruments TPS2045ADR Datasheet HTML 16Page - Texas Instruments TPS2045ADR Datasheet HTML 17Page - Texas Instruments TPS2045ADR Datasheet HTML 18Page - Texas Instruments TPS2045ADR Datasheet HTML 19Page - Texas Instruments TPS2045ADR Datasheet HTML 20Page - Texas Instruments TPS2045ADR Datasheet HTML 21Page - Texas Instruments TPS2045ADR Datasheet HTML 22Page - Texas Instruments TPS2045ADR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
TPS2045A, TPS2046A, TPS2047A, TPS2048A
TPS2055A, TPS2056A, TPS2057A, TPS2058A
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS251A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
IN
OC
EN
GND
0.1
µF
2,3
5
4
6,7,8
0.1
µF
22
µF
Load
1
OUT
TPS2045A
Power Supply
2.7 V to 5.5 V
Figure 24. Typical Application (Example, TPS2045A)
power-supply considerations
A 0.01-
µF to 0.1-µF ceramic bypass capacitor between INx and GND, close to the device, is recommended.
Placing a high-value electrolytic capacitor on the output pin(s) is recommended when the output load is heavy.
This precaution reduces power-supply transients that may cause ringing on the input. Additionally, bypassing
the output with a 0.01-
µF to 0.1-µF ceramic capacitor improves the immunity of the device to short-circuit
transients.
overcurrent
A sense FET is employed to check for overcurrent conditions. Unlike current-sense resistors, sense FETs do
not increase the series resistance of the current path. When an overcurrent condition is detected, the device
maintains a constant output current and reduces the output voltage accordingly. Complete shutdown occurs
only if the fault is present long enough to activate thermal limiting.
Three possible overload conditions can occur. In the first condition, the output has been shorted before the
device is enabled or before VI(IN) has been applied (see Figure 6). The TPS204xA and TPS205xA sense the
short and immediately switch into a constant-current output.
In the second condition, a short or an overload occurs while the device is enabled. At the instant the overload
occurs, very high currents may flow for a short time before the current-limit circuit can react. After the
current-limit circuit has tripped (reached the overcurrent trip threshold) the device switches into constant-current
mode.
In the third condition, the load has been gradually increased beyond the recommended operating current. The
current is permitted to rise until the current-limit threshold is reached or until the thermal limit of the device is
exceeded (see Figure 7). The TPS204xA and TPS205xA are capable of delivering current up to the current-limit
threshold without damaging the device. Once the threshold has been reached, the device switches into its
constant-current mode.
OC response
The OC open-drain output is asserted (active low) when an overcurrent or overtemperature condition is
encountered. The output will remain asserted until the overcurrent or overtemperature condition is removed.
Connecting a heavy capacitive load to an enabled device can cause momentary false overcurrent reporting from
the inrush current flowing through the device, charging the downstream capacitor. The TPS204xA and
TPS205xA family of devices are designed to reduce false overcurrent reporting. An internal overcurrent
transient filter eliminates the need for external components to remove unwanted pulses. Using low-ESR
electrolytic capacitors on the output lowers the inrush current flow through the device during hot-plug events
by providing a low-impedance energy source, also reducing erroneous overcurrent reporting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com