Electronic Components Datasheet Search
  English  ▼

X  

TC1072 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC1072
Description  50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1072 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC1072 Datasheet HTML 11Page - Microchip Technology TC1072 Datasheet HTML 12Page - Microchip Technology TC1072 Datasheet HTML 13Page - Microchip Technology TC1072 Datasheet HTML 14Page - Microchip Technology TC1072 Datasheet HTML 15Page - Microchip Technology TC1072 Datasheet HTML 16Page - Microchip Technology TC1072 Datasheet HTML 17Page - Microchip Technology TC1072 Datasheet HTML 18Page - Microchip Technology TC1072 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
© 2002 Microchip Technology Inc.
DS21354B-page 15
TC1072/TC1073
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
“1” & “2” = part number code + temperature range and
voltage
“3” represents year and quarter code
“4” represents lot ID number
6.2
Taping Form
(V)
TC1072
Code
TC1073
Code
2.5
E1
F1
2.7
E2
F2
2.8
EZ
FZ
2.85
E8
F8
3.0
E3
F3
3.3
E5
F5
3.6
E9
F9
4.0
E0
F0
5.0
E7
F7
Component Taping Orientation for 6-Pin SOT-23A (EIAJ SC-74) Devices
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
6-Pin SOT-23A
8 mm
4 mm
3000
7 in
Carrier Tape, Number of Components Per Reel and Reel Size
Standard Reel Component Orientation
For TR Suffix Device
(Mark Right Side Up)
User Direction of Feed
Device
Marking
PIN 1
Device
Marking
Device
Marking
Device
Marking
Device
Marking
Device
Marking
Device
Marking
Device
Marking
Device
Marking
Device
Marking
Device
Marking
Device
Marking
Device
Marking
W
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com