Electronic Components Datasheet Search
  English  ▼

X  

IE21085P Datasheet(PDF) 4 Page - RFHIC

Part # IE21085P
Description  GaN Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

IE21085P Datasheet(HTML) 4 Page - RFHIC

  IE21085P Datasheet HTML 1Page - RFHIC IE21085P Datasheet HTML 2Page - RFHIC IE21085P Datasheet HTML 3Page - RFHIC IE21085P Datasheet HTML 4Page - RFHIC IE21085P Datasheet HTML 5Page - RFHIC IE21085P Datasheet HTML 6Page - RFHIC IE21085P Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GaN Power Transistors
IE21085P
Typical 2-tone Intermodulation Imbalance Performance
(Tc=25℃, Measured in the IE21085P test board amplifier circuit)
2-tone Power = 47.3dBm,
VDS = 48V,
IDQ = 300mA
Typical Small Signal Performance
(Tc=25℃, Measured in the IE21085P test board amplifier circuit)
PIN = 0dBm, VDS = 48V,
IDQ = 300mA
-35
-30
-25
-20
-15
-10
1
10
100
Tone Spacing [MHz]
Intermodulation vs. Tone Spacing
IM3-L
IM5-L
IM3-U
IM5-U
Small Signal Gain
IRL
-25
-20
-15
-10
-5
0
5
10
-5
0
5
10
15
20
25
30
1800
1900
2000
2100
2200
2300
2400
2500
Frequency [MHz]
Small Signal Gain, Input Return Loss vs. Frequency
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency [MHz]
μ Factor vs. Frequency
Korean Facility : 82-31-8069-30
36 / rfsales@rfhic.com
US Facility : 919-677-8780 / sales@rfhicusa.com
4 / 7
All specifications may change without notice
Version 1.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com