Electronic Components Datasheet Search
  English  ▼

X  

2SJ648 Datasheet(PDF) 2 Page - NEC

Part # 2SJ648
Description  MOS FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ648 Datasheet(HTML) 2 Page - NEC

  2SJ648 Datasheet HTML 1Page - NEC 2SJ648 Datasheet HTML 2Page - NEC 2SJ648 Datasheet HTML 3Page - NEC 2SJ648 Datasheet HTML 4Page - NEC 2SJ648 Datasheet HTML 5Page - NEC 2SJ648 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D16597EJ2V0DS
2
2SJ648
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS =
−20 V, VGS = 0 V
−1.0
µA
Gate Leakage Current
IGSS
VGS = m12 V, VDS = 0 V
m10
µA
Gate Cut-off Voltage
VGS(off)
VDS =
−10 V, ID = −1.0 mA
−0.8
−1.3
−1.8
V
Forward Transfer Admittance
Note
| yfs |
VDS =
−10 V, ID = −0.2 A
0.2
0.6
S
Drain to Source On-state Resistance
Note
RDS(on)1
VGS =
−4.5 V, ID = −0.2 A
1.17
1.45
Ω
RDS(on)2
VGS =
−4.0 V, ID = −0.2 A
1.25
1.55
Ω
RDS(on)3
VGS =
−2.5 V, ID = −0.15 A
2.25
2.98
Ω
Input Capacitance
Ciss
VDS = –10 V
29
pF
Output Capacitance
Coss
VGS = 0 V
15
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
3.0
pF
Turn-on Delay Time
td(on)
VDD =
−10 V, ID = −0.2 A
23
ns
Rise Time
tr
VGS =
−4.0 V
39
ns
Turn-off Delay Time
td(off)
RG = 10
Ω
50
ns
Fall Time
tf
33
ns
Body Diode Forward Voltage
VF(S-D)
IF = 0.4 A, VGS = 0 V
0.93
V
Note Pulsed PW
≤ 350
µs, Duty Cycle ≤ 2%
TEST CIRCUIT SWITCHING TIME
PG.
RG
0
VGS (−)
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1%
τ
VGS
Wave Form
VDS
Wave Form
VGS(−)
VDS(−)
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com