Electronic Components Datasheet Search
  English  ▼

X  

RT12028P Datasheet(PDF) 1 Page - RFHIC

Part # RT12028P
Description  GaN Power Transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RT12028P Datasheet(HTML) 1 Page - RFHIC

  RT12028P Datasheet HTML 1Page - RFHIC RT12028P Datasheet HTML 2Page - RFHIC RT12028P Datasheet HTML 3Page - RFHIC RT12028P Datasheet HTML 4Page - RFHIC RT12028P Datasheet HTML 5Page - RFHIC RT12028P Datasheet HTML 6Page - RFHIC RT12028P Datasheet HTML 7Page - RFHIC RT12028P Datasheet HTML 8Page - RFHIC RT12028P Datasheet HTML 9Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
GaN Power Transistors
Product Features
Applications
• Up to 6GHz
• WiMAX, LTE, WCDMA, GSM
• 28W Saturated Power @ 48V, 2.6GHz
• Multi-Band, Multi-Mode
• 60% Drain Efficiency @ Psat, 2.6GHz
• Multi-Carrier
• 29% Drain Efficiency @ 38dBm, 2.6GHz
• High Efficiency, Doherty Amplifier
RT12028P NS-CS01
Typical Single-Carrier LTE Performance
(VDS= +48V, TC=25℃, 50Ω)
Note
*1 Measured in the RT12028P test board amplifier circuit, under LTE 10MHz, PAR 7.5dB @0.01% probability on CCDF.
Absolute Maximum Ratings
Note
*1 Current Limit for long term, reliable operation.
*2 Continuous use at maximum temperature will affect MTTF.
*3 Refer to the Application Note(AN-002) on soldering - "Solder Condition for RFHIC's GaN Device"
Thermal Characteristics
7.61
*1
Note
*1 Measured for the RT12028P at dissipation power of 18.4W.
Rating
Drain to Source Voltage
Gate to Source Voltage
Operating Voltage
Maximum Forward Gate Current
Power Dissipation
Storage Temperature
Case Operating Temperature
Operating Junction Temperature
*2
Symbol
VDSS
VGS
VDD
Rating
Symbol
Value
-40, +150
Frequency [MHz]
Average Power
*1
Peak Power
Package Type : NS-CS01
31.5
Power [W]
60.7
Drain Efficiency [%]
6.3
2505.0
32.1
60.3
6.3
17.4
29.1
-37.5
2595.0
32.0
59.5
6.3
17.6
29.7
-37.1
Power [W]
17.7
Gain [dB]
ACLR [dBc]
-35.3
2685.0
150
-10, +2
52
4
18
-65, +150
Drain Efficiency [%]
31.9
Tc=85℃
Tc=25℃
Tc=25℃
Tc=25℃
RT12028P
Tc=25℃
℃
℃
Condition
Value
Unit
V
V
VDC
mA
W
℃
Unit
Condition
IGMAX
PDISS
TSTG
TC
TJ
225
Maximum Drain Current
*1
IDMAX
1.5
A
Soldering Temperature
*3
TS
245
℃
Thermal Resistance, Junction to Case
RθJC
℃/W
Tc=85℃
Korean Facility : 82-31-8069-30
36 / rfsales@rfhic.com
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 13
All specifications may change without notice
Version 1.2
-
-
-
-
-


Similar Part No. - RT12028P

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1202B7 CTS-RT1202B7 Datasheet
117Kb / 2P
Memory & IDE Terminator
RT1202B7 CTS-RT1202B7 Datasheet
70Kb / 2P
Configuration Selector Guide
RT1202B7TR13 CTS-RT1202B7TR13 Datasheet
117Kb / 2P
Memory & IDE Terminator
RT1202B7TR13 CTS-RT1202B7TR13 Datasheet
70Kb / 2P
Configuration Selector Guide
RT1202B7TR7 CTS-RT1202B7TR7 Datasheet
117Kb / 2P
Memory & IDE Terminator
More results

Similar Description - RT12028P

ManufacturerPart #DatasheetDescription
logo
RFHIC
ET43055P RFHIC-ET43055P Datasheet
714Kb / 8P
GaN Power Transistors
IE21056WD RFHIC-IE21056WD Datasheet
619Kb / 8P
GaN Power Transistors
IE23195WD RFHIC-IE23195WD Datasheet
291Kb / 3P
GaN Power Transistors
IE26195WD RFHIC-IE26195WD Datasheet
922Kb / 8P
GaN Power Transistors
IE27385D RFHIC-IE27385D Datasheet
878Kb / 8P
GaN Power Transistors
IE36085W RFHIC-IE36085W Datasheet
692Kb / 7P
GaN Power Transistors
IE36110W RFHIC-IE36110W Datasheet
854Kb / 7P
GaN Power Transistors
DT12030P RFHIC-DT12030P Datasheet
2Mb / 16P
GaN Power Transistors
ETQ2028P RFHIC-ETQ2028P Datasheet
1Mb / 13P
GaN Power Transistors
IE18165P RFHIC-IE18165P Datasheet
787Kb / 7P
GaN Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com