Electronic Components Datasheet Search
  English  ▼

X  

STS10PF30L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STS10PF30L
Description  P-CHANNEL 30V - 0.012Ohm - 10A SO-8 STripFET II POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS10PF30L Datasheet(HTML) 2 Page - STMicroelectronics

  STS10PF30L Datasheet HTML 1Page - STMicroelectronics STS10PF30L Datasheet HTML 2Page - STMicroelectronics STS10PF30L Datasheet HTML 3Page - STMicroelectronics STS10PF30L Datasheet HTML 4Page - STMicroelectronics STS10PF30L Datasheet HTML 5Page - STMicroelectronics STS10PF30L Datasheet HTML 6Page - STMicroelectronics STS10PF30L Datasheet HTML 7Page - STMicroelectronics STS10PF30L Datasheet HTML 8Page - STMicroelectronics STS10PF30L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STS10PF30L
2/9
Table 4: THERMAL DATA
(*) When Mounted on 1 inch2 FR-4 board, 2 oz of Cu and t
bÃ10 sec.
ELECTRICAL CHARACTERISTICS (Tcase = 25 °C unless otherwise specified)
Table 5: OFF
Table 6: ON (*)
Table 7: DYNAMIC
Rthj-amb
Rthj-lead
Tl
Tstg
(*) Thermal Resistance Junction-ambient
Thermal Resistance Junction-leads
Maximum Lead Temperature For Soldering Purpose
storage temperature
Max
Max
Typ
47
16
150
-55 to 150
°C/W
°C/W
°C
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating TC = 125°C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 16 V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS
ID = 250 µA
1V
RDS(on)
Static Drain-source On
Resistance
VGS = 10 V
ID = 5 A
VGS = 4.5 V
ID = 5 A
0.012
0.015
0.014
0.018
Ω
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs
Forward Transconductance
VDS = 10 V
ID =5 A
31
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
2300
750
115
pF
pF
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com