Electronic Components Datasheet Search
  English  ▼

X  

TDA7566 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7566
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7566 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7566 Datasheet HTML 4Page - STMicroelectronics TDA7566 Datasheet HTML 5Page - STMicroelectronics TDA7566 Datasheet HTML 6Page - STMicroelectronics TDA7566 Datasheet HTML 7Page - STMicroelectronics TDA7566 Datasheet HTML 8Page - STMicroelectronics TDA7566 Datasheet HTML 9Page - STMicroelectronics TDA7566 Datasheet HTML 10Page - STMicroelectronics TDA7566 Datasheet HTML 11Page - STMicroelectronics TDA7566 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TDA7566
8/19
DIAGNOSTICS FUNCTIONAL DESCRIPTION:
a) TURN-ON DIAGNOSTIC.
It is activated at the turn-on (stand-by out) under I2Cbus request. Detectable output faults are:
- SHORT TO GND
- SHORT TO Vs
- SHORT ACROSS THE SPEAKER
- OPEN SPEAKER
To verify if any of the above misconnections are in place, a subsonic (inaudible) current pulse (fig. 14) is inter-
nally generated, sent through the speaker(s) and sunk back.The Turn On diagnostic status is internally stored
until a successive diagnostic pulse is requested (after a I2C reading).
If the "stand-by out" and "diag. enable" commands are both given through a single programming step, the pulse
takes place first (power stage still in stand-by mode, low, outputs = high impedance).
Afterwards, when the Amplifier is biased, the PERMANENT diagnostic takes place. The previous Turn On state
is kept until a short appears at the outputs.
Figure 14. Turn - On diagnostic: working principle
Fig. 15 and 16 show SVR and OUTPUT waveforms at the turn-on (stand-by out) with and without TURN-ON
DIAGNOSTIC.
Figure 15. SVR and Output behaviour (CASE 1: without turn-on diagnostic)
CH-
CH+
Isource
Vs~5V
Isink
t (ms)
I (mA)
Isink
Isource
~100ms
Measure time
Bias (power amp turn-on)
t
Diagnostic Enable
(Permanent)
Permanent diagnostic
acquisition time (100mS Typ)
Permanent Diagnostics data (output)
permitted time
I2CB DATA
Vsvr
Out
FAULT
event
Read Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com