Electronic Components Datasheet Search
  English  ▼

X  

STC03DE170 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STC03DE170
Description  HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 Ohm
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC03DE170 Datasheet(HTML) 3 Page - STMicroelectronics

  STC03DE170 Datasheet HTML 1Page - STMicroelectronics STC03DE170 Datasheet HTML 2Page - STMicroelectronics STC03DE170 Datasheet HTML 3Page - STMicroelectronics STC03DE170 Datasheet HTML 4Page - STMicroelectronics STC03DE170 Datasheet HTML 5Page - STMicroelectronics STC03DE170 Datasheet HTML 6Page - STMicroelectronics STC03DE170 Datasheet HTML 7Page - STMicroelectronics STC03DE170 Datasheet HTML 8Page - STMicroelectronics STC03DE170 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STC03DE170
3/9
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
VGS = 10 V
RG = 47 W
VClamp = 1200 V
tp = 4 ms
IC = 0.7 A
IB = 70 mA
690
32
ns
ns
VCSW Maximum Collector-Source
Voltage without Snubber
RG = 47 W
hFE = 5 A
IC = 3 A
1500
V
VCS(dyn) Collector-Source Dynamic
Voltage
(500 ns)
VCC = VClamp = 400 V
VGS = 10 V
RG = 47 W
IC = 0.5 A
IB = 0.1 A
IBpeak = 1 A
tpeak = 500 ns
3.9
V
VCS(dyn) Collector-Source Dynamic
Voltage
(1ms)
VCC = VClamp = 400 V
VGS = 10 V
RG = 47 W
IC = 0.5 A
IB = 0.1 A
IBpeak = 1 A
tpeak = 500 ns
2.2
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com