Electronic Components Datasheet Search
  English  ▼

X  

4061272011 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 4061272011
Description  Rods
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

4061272011 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  4061272011 Datasheet HTML 1Page - Fair-Rite Products Corp. 4061272011 Datasheet HTML 2Page - Fair-Rite Products Corp. 4061272011 Datasheet HTML 3Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rods (4061272011)
Part Number: 4061272011
61 ROD
Explanation of Part Numbers:
– Digits 1 & 2 = Product Class
– Digits 3 & 4 = Material Grade
Pressed Fair- Rite rods are used extensively in high- energy storage designs.
These rods can also be used for inductive components that require temperature stability or have to accommodate large dc bias
requirements.
Figure 2 rods have a 0.6 mm (0.024”) maximum chamfer on the end faces.
For frequency tuned rod designs see section “Antenna/ RFID Rods”.
•For any rod requirement not listed here, feel free to contact our customer service group for availability and pricing.
The “A” dimension can be centerless ground to tighter tolerances.
Weight: 2.9 (g)
Figure 1 shows the rod permeability as a function of the length to diameter ratio for the six materials available in rods.
Figures 3, 4 and 5 illustrate typical temperature behavior of wound rods. Would rods in 33 and 77 material yield the best
temperature stable inductors, see Figure 4. Both show a typical inductance change of <1% over the -40° to 120°C
temperature range. The parts have a L/ D ratio of 8.1. Lower ratios will change less. This is shown in detail in Figure 5 for
the same 52 material but with the L/ D ratio as the parameter. A lower ratio means a lower rod permeability but with
improved temperature stability.
Dim
mm
mm tol
nominal inch
inch misc.
A
6.35
±0.25
0.25
_
C
19.05
±0.75
0.75
_


Similar Part No. - 4061272011

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
4061276011 FAIR-RITE-4061276011 Datasheet
1Mb / 3P
Rods
More results

Similar Description - 4061272011

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
4052098411 FAIR-RITE-4052098411 Datasheet
1Mb / 3P
Rods
4052111011 FAIR-RITE-4052111011 Datasheet
1Mb / 3P
Rods
4052195211 FAIR-RITE-4052195211 Datasheet
1Mb / 3P
Rods
4061276011 FAIR-RITE-4061276011 Datasheet
1Mb / 3P
Rods
4077272011 FAIR-RITE-4077272011 Datasheet
1Mb / 3P
Rods
4077276011 FAIR-RITE-4077276011 Datasheet
1Mb / 3P
Rods
4077374711 FAIR-RITE-4077374711 Datasheet
1Mb / 3P
Rods
4077375411 FAIR-RITE-4077375411 Datasheet
1Mb / 3P
Rods
4077485111 FAIR-RITE-4077485111 Datasheet
1Mb / 3P
Rods
4278453509 FAIR-RITE-4278453509 Datasheet
1Mb / 3P
Rods
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com