Electronic Components Datasheet Search
  English  ▼

X  

MSM6408 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM6408
Description  High speed and High performance 4-Bit Microcontroller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6408 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM6408 Datasheet HTML 8Page - OKI electronic componets MSM6408 Datasheet HTML 9Page - OKI electronic componets MSM6408 Datasheet HTML 10Page - OKI electronic componets MSM6408 Datasheet HTML 11Page - OKI electronic componets MSM6408 Datasheet HTML 12Page - OKI electronic componets MSM6408 Datasheet HTML 13Page - OKI electronic componets MSM6408 Datasheet HTML 14Page - OKI electronic componets MSM6408 Datasheet HTML 15Page - OKI electronic componets MSM6408 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12/19
MSM6408
¡ Semiconductor
AC Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Clock (OSC0) Pulse Width
tfW
—
125
—
—
ns
Cycle Time
tCY
—1
—
—
ms
Input Data Setup Time
tDS
—
120
—
—
ns
Input Data Hold Time
tDH
—
120
—
—
ns
SR/TM Clock Pulse Width
tWS/tWT
—
120
—
—
ns
CT Clock Pulse Width
P2 Input Data Clock Pulse Width
tWP
—
120
—
—
ns
(VDD = 5 V ±10%, Ta = –40 to +85°C)
SR Data Setup Time
tSS
—
120
—
—
ns
SR Data Hold Time
tSH
—
120
—
—
ns
Data Delay Time
tDR
CL = 15 pF
—
—
tCY + 300
ns
Data Delay Time at Mode
Switching
tDCR
CL = 15 pF
—
—
7/8 tCY
+ 300
ns
tDI1
CL = 15 pF
—
—
6/8 tCY
+ 300
ns
tWC
—
2/8 tCY
+ 120
——
ns
Data Delay Time at OPT
Instruction
CT/TM Data Delay Time Using
TBC Clock
SR/TM Data Delay Time Using
PORT Clock
CT Data Delay Time Using
PORT Clock
CT Data Delay Time Using
External Clock
SR/TM Data Delay Time Using
External Clock
SR Clock Invalid Time
INT Invalid Time
tDI2
CL = 15 pF
—
—
7/8 tCY
+ 300
ns
tCT/tTT
CL = 15 pF
—
—
2/8 tCY
+ 360
ns
tSR/tTR
CL = 15 pF
—
—
tCY + 480
ns
tCR
CL = 15 pF
—
—
10/8 tCY
+ 480
ns
tCP
CL = 15 pF
—
—
2/8 tCY
+ 360
ns
tSP/tTP
CL = 15 pF
—
—
360
ns
tSINH
—
2/8 tCY
——
ns
tIINH
—
1/8 tCY
——
ns
Data Delay Time at OPT
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com