Electronic Components Datasheet Search
  English  ▼

X  

1SS303 Datasheet(PDF) 1 Page - NEC

Part # 1SS303
Description  SILICON SWITCHING DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

1SS303 Datasheet(HTML) 1 Page - NEC

  1SS303 Datasheet HTML 1Page - NEC 1SS303 Datasheet HTML 2Page - NEC 1SS303 Datasheet HTML 3Page - NEC 1SS303 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©
1987
SILICON SWITCHING DIODE
1SS303
HIGH SPEED SWITCHING
SILICON EPITAXIAL DOUBLE DIODE : COMMON ANODE
DATA SHEET
Document No. D16308EJ2V0DS00 (2nd edition)
(Previous No. DC-2100)
Date Published July 2002 NS CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
FEATURES
• Low capacitance: Ct = 2.5 pF TYP.
• High speed switching: trr = 4.0 ns MAX.
• Wide applications including switching, limitter, clipper.
• Double diode configuration assures economical use.
ABSOLUTE MAXIMUM RATINGS
Maximum Voltages and Currents (TA = 25°C)
Peak Reverse Voltage
VRM
75
V
DC Reverse Voltage
VR
50
V
Surge Current (1
µs)
Note
IFSM
6.0
A
Surge Current (1
µs)
IFSM
4.0
A
Peak Forward Current
Note
IFM
450
mA
Peak Forward Current
IFM
300
mA
Average Rectified Current
Note
IO
150
mA
Average Rectified Current
IO
100
mA
Maximum Temperatures
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
–55 to + 150
°C
Thermal Resistance
Junction to Ambient
Note
Rth(j-a)
1.0
°C/mW
Junction to Ambient
Rth(j-a)
0.85
°C/mW
Note Both diodes loaded simultaneously.
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF1
IF = 10 mA
0.72
1.0
V
VF2
IF = 50 mA
0.88
1.1
V
Forward Voltage
VF3
IF = 100 mA
1.0
1.2
V
Reverse Current
IR
VR = 50 V
0.1
µA
Capacitance
Ct
VR = 0 V, f = 1.0 MHz
2.5
4.0
pF
Reverse Recovery Time
trr
See Test Circuit.
4.0
ns
PACKAGE DIMENSIONS (Unit: mm)
2.1
±0.1
1.25
±0.1
3
Marking
2
1
CONNECTION DIAGRAM (Top View)
2
1
3
1. Cathode
2. Cathode
3. Anode
Marking : A4


Similar Part No. - 1SS303

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1SS303 KEXIN-1SS303 Datasheet
45Kb / 1P
HIGH SPEED SWITCHING SILICON EPITAXIAL DOUBLE DIODE
logo
Renesas Technology Corp
1SS303 RENESAS-1SS303 Datasheet
220Kb / 6P
SILICON SWITCHING DIODE
1987
More results

Similar Description - 1SS303

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS19 INFINEON-BAS19 Datasheet
46Kb / 4P
Silicon Switching Diodes
Aug-06-2001
BAS78A INFINEON-BAS78A Datasheet
33Kb / 3P
Silicon Switching Diodes
Aug-20-2001
BAS79A INFINEON-BAS79A Datasheet
33Kb / 3P
Silicon Switching Diodes
Aug-20-2001
BAW78 INFINEON-BAW78 Datasheet
441Kb / 4P
Silicon Switching Diodes
Feb-03-2003
logo
NEC
1S2837 NEC-1S2837 Datasheet
246Kb / 4P
SILICON SWITCHING DIODES
1SS304 NEC-1SS304 Datasheet
55Kb / 4P
SILICON SWITCHING DIODES
logo
Infineon Technologies A...
BAW78 INFINEON-BAW78_07 Datasheet
69Kb / 6P
Silicon Switching Diodes
2007-04-20
logo
Central Semiconductor C...
CMPD7000 CENTRAL-CMPD7000_15 Datasheet
395Kb / 2P
SILICON SWITCHING DIODES
CMUD7000 CENTRAL-CMUD7000_15 Datasheet
414Kb / 2P
SILICON SWITCHING DIODES
logo
Renesas Technology Corp
1S2835 RENESAS-1S2835 Datasheet
428Kb / 6P
SILICON SWITCHING DIODES
2002
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com