Electronic Components Datasheet Search
  English  ▼

X  

2P5M Datasheet(PDF) 1 Page - NEC

Part # 2P5M
Description  2A PLASTIC MOLDED THYRISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2P5M Datasheet(HTML) 1 Page - NEC

  2P5M Datasheet HTML 1Page - NEC 2P5M Datasheet HTML 2Page - NEC 2P5M Datasheet HTML 3Page - NEC 2P5M Datasheet HTML 4Page - NEC 2P5M Datasheet HTML 5Page - NEC 2P5M Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - 2P5M

ManufacturerPart #DatasheetDescription
logo
NEC
2P5M NEC-2P5M Datasheet
396Kb / 1P
2A PLASTIC MOLDED THYRISTOR
2P5M NEC-2P5M Datasheet
311Kb / 1P
Opto-Electronic Devices(NEPOC)
logo
Tiger Electronic Co.,Lt...
2P5M TGS-2P5M Datasheet
57Kb / 1P
Triacs sensitive gate
More results

Similar Description - 2P5M

ManufacturerPart #DatasheetDescription
logo
NEC
2P4M NEC-2P4M Datasheet
396Kb / 1P
2A PLASTIC MOLDED THYRISTOR
2V5P4M NEC-2V5P4M Datasheet
653Kb / 6P
2.5 A PLASTIC MOLDED THYRISTOR
logo
Inchange Semiconductor ...
2P4M ISC-2P4M Datasheet
122Kb / 1P
PLASTIC MOLDED THYRISTOR
logo
Frontier Electronics.
GP20-005-LFR FRONTIER-GP20-005-LFR Datasheet
121Kb / 2P
2A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Renesas Technology Corp
CR2PM-8UE RENESAS-CR2PM-8UE_15 Datasheet
289Kb / 6P
400V - 2A - Thyristor Low Power Use
CR2AS-8UE RENESAS-CR2AS-8UE_15 Datasheet
138Kb / 6P
400V - 2A ??Thyristor Low Power Use
CR2AS-16A RENESAS-CR2AS-16A_15 Datasheet
136Kb / 7P
800V ??2A -Thyristor Medium Power Use
CR2AS-16A RENESAS-CR2AS-16A Datasheet
475Kb / 7P
800V - 2A - Thyristor
May. 10, 2019
CR2AS-8UE RENESAS-CR2AS-8UE Datasheet
474Kb / 6P
400V - 2A - Thyristor
May. 10, 2019
CR2PM-8UE RENESAS-CR2PM-8UE Datasheet
824Kb / 6P
400V - 2A - Thyristor
Dec 24, 2014
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com