Electronic Components Datasheet Search
  English  ▼

X  

DS2703UT Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2703UT
Description  SHA-1 Battery Pack Authentication IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2703UT Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2703UT Datasheet HTML 1Page - Dallas Semiconductor DS2703UT Datasheet HTML 2Page - Dallas Semiconductor DS2703UT Datasheet HTML 3Page - Dallas Semiconductor DS2703UT Datasheet HTML 4Page - Dallas Semiconductor DS2703UT Datasheet HTML 5Page - Dallas Semiconductor DS2703UT Datasheet HTML 6Page - Dallas Semiconductor DS2703UT Datasheet HTML 7Page - Dallas Semiconductor DS2703UT Datasheet HTML 8Page - Dallas Semiconductor DS2703UT Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 of 20
REV: 071805
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS2703 provides a robust cryptographic solution
to ensure the authenticity of Li-Ion battery packs for
cell phone, PDA, and portable computing devices.
The DS2703 employs the Secure Hash Algorithm
(SHA-1)
specified
in
the
Federal
Information
publication 180-1 and 180-2, and ISO/IEC 10118-3.
SHA-1 is designed for authentication
¾just what is
required for identifying battery packs manufactured
by authorized sources.
The device’s SHA-1 engine processes a host
transmitted challenge using its stored 64-bit secret
key and unique 64-bit ROM ID to produce a 160-bit
response word for transmission back to the host. The
secret key is securely stored on-chip and never
transmitted between the battery and the host. A
DS2703-based system produces a high degree of
authentication security between a host system and its
removable battery or other peripheral devices.
The Thermistor Multiplexer feature allows a three
contact battery pack configuration to support data
and thermistor functions. When activated through
1-Wire command, the THM pin presents the
thermistor impedance on the data contact and
disconnects internal loading from the node.
TYPICAL OPERATING CIRCUIT
DS2703
VSS
DQ
DATA
PACK +
PACK -
VB
150
W
Li-Ion
Protection
THM
BATTERY PACK
0.22
mF
FEATURES
§ Secure Challenge and Response Authentication
Using the SHA-1 Algorithm
§ Directly Powered by the Dallas 1-Wire
® Interface
with 16kpbs Standard and 143kpbs Overdrive
Communication Modes
§ Unique 64-Bit Serial Number
§ Thermistor Multiplexer
§ Operates with VPULLUP as Low as 2.7V
§ mMax-8 Package (Lead-Free)
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS2703U
-20
°C to +70°C
mMax-8
DS2703U/T&R
-20
°C to +70°C
DS2703U on
Tape-and-Reel
DS2703U+
-20
°C to +70°C
mMax-8
DS2703U+T&R
-20
°C to +70°C
DS2703U+ on
Tape-and-Reel
+ Denotes lead-free package.
APPLICATIONS
2.5G/3G Wireless Handsets
PDAs
Handheld or Notebook Computers and Terminals
Digital Still and Video Cameras
PIN CONFIGURATION
DS2703
SHA-1 Battery Pack
Authentication IC
www.maxim-ic.com
TOP VIEW
mMAX
DS2703U+
VSS
NC
NC
NC
NC
VB
DQ
THM
6
8
7
5
3
1
2
4
1-Wire is a registered trademark of Dallas Semiconductor.


Similar Part No. - DS2703UT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2703UTR MAXIM-DS2703UTR Datasheet
375Kb / 20P
SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
More results

Similar Description - DS2703UT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26150 TI-BQ26150 Datasheet
461Kb / 16P
BATTERY PACK SECURITY AND AUTHENTICATION IC FOR PORTABLE APPLICATIONS (bqSECURE)
logo
Maxim Integrated Produc...
DS2704 MAXIM-DS2704 Datasheet
227Kb / 18P
1280-Bit EEPROM with SHA-1 Authentication
011206
DS2705 MAXIM-DS2705 Datasheet
211Kb / 18P
SHA-1 Authentication Master
050506
logo
Texas Instruments
BQ26100 TI-BQ26100 Datasheet
408Kb / 22P
SHA-1/HMAC BASED SECURITY AND AUTHENTICATION IC WITH SDQ INTERFACE
logo
Maxim Integrated Produc...
DS2784 MAXIM-DS2784 Datasheet
456Kb / 38P
1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
REV: 071107
logo
Dallas Semiconductor
DS2705 DALLAS-DS2705_07 Datasheet
339Kb / 18P
SHA-1 Authentication Master
logo
Maxim Integrated Produc...
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
logo
Dallas Semiconductor
DS2703 DALLAS-DS2703_07 Datasheet
369Kb / 20P
SHA-1 Battery Pack Authentication IC
logo
Maxim Integrated Produc...
DS2703 MAXIM-DS2703 Datasheet
375Kb / 20P
SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
DS2705 MAXIM-DS2705_V01 Datasheet
356Kb / 18P
SHA-1 Authentication Master
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com