Electronic Components Datasheet Search
  English  ▼

X  

8P4SMA Datasheet(PDF) 3 Page - NEC

Part # 8P4SMA
Description  8A MOLD ISOLATED SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

8P4SMA Datasheet(HTML) 3 Page - NEC

  8P4SMA Datasheet HTML 1Page - NEC 8P4SMA Datasheet HTML 2Page - NEC 8P4SMA Datasheet HTML 3Page - NEC 8P4SMA Datasheet HTML 4Page - NEC 8P4SMA Datasheet HTML 5Page - NEC 8P4SMA Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data Sheet D17164EJ3V0DS
3
8P2SMA,8P4SMA
TYPICAL CHARACTERISTICS
Figure 1. iT vs.
νT CHARACTERISTIC
Figure 2. ITSM RATING
100
10
1
02
1
3
MAX.
25˚C
Tj = 125˚C
140
120
100
80
60
40
20
0
110
5
50
100
ITSM
20 ms
10 ms
60 Hz
50 Hz
Initial Tj = 125˚C
νT - On-state Voltage - V
N - Cycles
Figure 3. GATE RATING
Figure 4. GATE CHARACTERISTIC
10
8
6
4
2
0
0
2.0
1.0
PG(AV) = 0.5 W
Tj =
−40 to
+125˚C
PGM = 5 W
f
≥ 50 Hz
Duty
≤ 10%
5
4
3
2
1
0
030
20
10
525
15
VDM = 6 V
RL = 100
Ω
Tj =
−40˚C
0˚C
25˚C
IFG - Gate Forward Current - A
IGT - Gate Trigger Current - mA
Figure 5. IGT vs. TA CHARACTERISTIC
Figure 6. VGT vs. TA CHARACTERISTIC
100
10
1
0.1
−40
−20
100
80
60
40
20
0
2.0
1.0
0
−40
−20
100
80
60
40
20
0
TA - Ambient Temperature - °C
TA - Ambient Temperature - °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com