Electronic Components Datasheet Search
  English  ▼

X  

90SCFM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 90SCFM
Description  20SCFM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

90SCFM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  90SCFM Datasheet HTML 1Page - List of Unclassifed Manufacturers 90SCFM Datasheet HTML 2Page - List of Unclassifed Manufacturers 90SCFM Datasheet HTML 3Page - List of Unclassifed Manufacturers 90SCFM Datasheet HTML 4Page - List of Unclassifed Manufacturers 90SCFM Datasheet HTML 5Page - List of Unclassifed Manufacturers 90SCFM Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
90 & 150 SCFM Coalescer
1-800-521-9200
9
Specifications
Port Sizes
1/2", 3/4", 1"
Thread Styles
NPT, BSPT, BSPP
Flow Capacity
90 & 150 SCFM @ 100 PSI
Bowl Types
Aluminum
Polycarbonate
Maximum Temp.
Aluminum 175°F, 200 PSIG
& Pressure*
Polycarb. 125°F, 150 PSIG
Filter Capacity
0.01 Micron and Larger
Differential Pressure < 1.5 PSID at Rated Flow
*For higher pressure applications, consult factory. If unit is equipped with
differential indicator, maximum temperature and pressure are 125°F and
150 PSIG regardless of bowl design.
Front View
Side View
Physical Dimensions
Model #
Description
A
B
C
D
3C-090-M06-P
Metal Bowl, Manual Drain
4.6
16.75
4.6
2.4
3C-090-M06-F
Metal Bowl, Float Drain
4.6
17.5
4.6
2.4
3C-090-M06-Fi
Metal Bowl, Float Drain w/Indicator
4.6
19.0
4.6
2.4
3C-090-P06-P
Poly Bowl, Manual Drain
4.6
14.0
4.6
2.4
3C-090-P06-F
Poly Bowl, Float Drain
4.6
14.5
4.6
2.4
3C-090-P06-Fi
Poly Bowl, Float Drain w/Indicator
4.6
15.0
4.6
2.4
Physical dimensions for the 150 SCFM units are identical to the 90 SCFM units.
Order Guide
Metal Bowl
Poly Bowl
Port Size
Metal Bowl
w/Indicator
Poly Bowl
w/Indicator
1/2"
3C-090-M04-P
3C-090-M04-Pi
3C-090-P04-P
3C-090-P04-Pi
Manual Drain
3/4"
3C-090-M06-P
3C-090-M06-Pi
3C-090-P06-P
3C-090-P06-Pi
1"
3C-090-M08-P
3C-090-M08-Pi
3C-090-P08-P
3C-090-P08-Pi
1/2"
3C-090-M04-F
3C-090-M04-Fi
3C-090-P04-F
3C-090-P04-Fi
Float Drain
3/4"
3C-090-M06-F
3C-090-M06-Fi
3C-090-P06-F
3C-090-P06-Fi
1"
3C-090-M08-F
3C-090-M08-Fi
3C-090-P08-F
3C-090-P08-Fi
1/2"
3C-150-M04-P
3C-150-M04-Pi
3C-150-P04-P
3C-150-P04-Pi
Manual Drain
3/4"
3C-150-M06-P
3C-150-M06-Pi
3C-150-P06-P
3C-150-P06-Pi
1"
3C-150-M08-P
3C-150-M08-Pi
3C-150-P08-P
3C-150-P08-Pi
1/2"
3C-150-M04-F
3C-150-M04-Fi
3C-150-P04-F
3C-150-P04-Fi
Float Drain
3/4"
3C-150-M06-F
3C-150-M06-Fi
3C-150-P06-F
3C-150-P06-Fi
1"
3C-150-M08-F
3C-150-M08-Fi
3C-150-P08-F
3C-150-P08-Fi
Replacement Parts & Accessories
Description
Part Number
Bowl O-Ring
N32-95-256
Metal Bowl Assembly,
N34-15-179
Brass Float Drain
Differential Indicator
N32-W1-DPi
Manual Drain (for Poly Bowl)
N32-95-182
Brass Float Drain
N32-95-978
Description
Part Number
Plastic Float Drain
N32-95-973
Replacement Element
3C-090, 3C-150
Blanking Cap
N32-95-020
Manual Drain (for Metal Bowl) PC-03
Poly Bowl, Brass Float Drain
N32-15-166
Type of contamination: oil



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com