Electronic Components Datasheet Search
  English  ▼

X  

MSM64152AL Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM64152AL
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64152AL Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM64152AL Datasheet HTML 3Page - OKI electronic componets MSM64152AL Datasheet HTML 4Page - OKI electronic componets MSM64152AL Datasheet HTML 5Page - OKI electronic componets MSM64152AL Datasheet HTML 6Page - OKI electronic componets MSM64152AL Datasheet HTML 7Page - OKI electronic componets MSM64152AL Datasheet HTML 8Page - OKI electronic componets MSM64152AL Datasheet HTML 9Page - OKI electronic componets MSM64152AL Datasheet HTML 10Page - OKI electronic componets MSM64152AL Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7/25
¡ Semiconductor
MSM64152A/64152AL
Basic Functions (continued)
I
Ports
4-bit input port (port 2) :
Select between pull-down resistor input and high impedance
input for each bit with the port 2 control register (P2CON).
When configured for secondary functions, an external
interrupt and capture circuit trigger input are allocated.
If P2.0 to P2.3 are set to "H" level, the IC enters system
reset mode.
49
52
51
50
48
47
49
46
O
4-bit output port (port 4) :
4-bit CMOS output port.
57
60
59
58
56
55
57
54
I/O
4-bit input-output port (port 6) :
Select between input and output, between pull-down resistor
input and high impedance input, and between open-drain
output and CMOS output with the port 6 control register
(P6CON). When configured for a secondary function, an
external interrupt is allocated.
4
4
3
2
3
2
11
Melody
Drivers
O
Output pin of melody driver 0
5
5
O
Inverted output pin of MD0 output
6
6
O
LCD common signal output pins
37
40
39
38
36
35
37
34
LCD
Drivers
O
O
O
Pad
Pin
Description
Type
Function
P2.0
P2.1
P2.2
P2.3
P4.0
P4.1
P4.2
P4.3
P6.0
P6.1
P6.2
P6.3
MD0
MD0
COM1
COM2
COM3
COM4
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com