Electronic Components Datasheet Search
  English  ▼

X  

1583746 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1583746
Description  Housing - VC-AL-T4-Z-M25/M20-S
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1583746 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1583746 Datasheet HTML 1Page - PHOENIX CONTACT 1583746 Datasheet HTML 2Page - PHOENIX CONTACT 1583746 Datasheet HTML 3Page - PHOENIX CONTACT 1583746 Datasheet HTML 4Page - PHOENIX CONTACT 1583746 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1583746
11/22/13   Page 1 / 5
Housing - VC-AL-T4-Z-M25/M20-S - 1583746
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Aluminum die-cast sleeve housing, with grommet, locking screws with cylinder head, for two metric cable glands
M25 and M20, angled cable outlet, type VC4
Product Features
 Housing with two cable entries for M20 and M25 screw connections.
 Angled cable outlet so the cable can be routed as desired, from the side and straight
 Aluminum housing with extended cabling space for high-position and power contact inserts
Key commercial data
Packing unit
1 PCE
Weight per Piece (excluding packing)
298.65 GRM
Custom tariff number
85369010
Country of origin
Poland
Technical data
Dimensions
Height
90 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 125 °C
General
Note
When using fiber optics, the bending radii of the cable manufacturers must
be observed.
Design
VC4
Color
gray aluminum
Locking type
Screw locking, cylinder head
Fixing screws
M4
No. of cable exits
2


Similar Part No. - 1583746

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1583704 PHOENIX-1583704 Datasheet
64Kb / 4P
Housing - VC-AL-T3-R-M25-S
1583717 PHOENIX-1583717 Datasheet
65Kb / 5P
Housing - VC-AL-T3-R-M25/M20-S
1583720 PHOENIX-1583720 Datasheet
64Kb / 4P
Housing - VC-AL-T3-R-M32-S
1583733 PHOENIX-1583733 Datasheet
67Kb / 4P
Housing - VC-AL-T4-Z-M25-S
1583759 PHOENIX-1583759 Datasheet
67Kb / 4P
Housing - VC-AL-T4-Z-M32-S
More results

Similar Description - 1583746

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1583607 PHOENIX-1583607 Datasheet
66Kb / 4P
Housing - VC-AL-T1-Z-M25-S
1583636 PHOENIX-1583636 Datasheet
67Kb / 4P
Housing - VC-AL-T2-Z-M20-S
1583649 PHOENIX-1583649 Datasheet
67Kb / 4P
Housing - VC-AL-T2-Z-M25-S
1583678 PHOENIX-1583678 Datasheet
67Kb / 4P
Housing - VC-AL-T3-Z-M25-S
1583681 PHOENIX-1583681 Datasheet
68Kb / 5P
Housing - VC-AL-T3-Z-M25/M20-S
1583733 PHOENIX-1583733 Datasheet
67Kb / 4P
Housing - VC-AL-T4-Z-M25-S
1583759 PHOENIX-1583759 Datasheet
67Kb / 4P
Housing - VC-AL-T4-Z-M32-S
1583762 PHOENIX-1583762 Datasheet
64Kb / 5P
Housing - VC-AL-T4-R-M25-S
1583775 PHOENIX-1583775 Datasheet
64Kb / 5P
Housing - VC-AL-T4-R-M25/M20-S
1886702 PHOENIX-1886702 Datasheet
63Kb / 3P
Housing - VC-MP-T4-Z-M25
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com