Electronic Components Datasheet Search
  English  ▼

X  

CMPD2005S Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPD2005S
Description  SURFACE MOUNT DUAL, IN SERIES HIGH VOLTAGE SILICON SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPD2005S Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPD2005S Datasheet HTML 1Page - Central Semiconductor Corp CMPD2005S Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPD2005S
SURFACE MOUNT
DUAL, IN SERIES
HIGH VOLTAGE
SILICON SWITCHING DIODES
SOT-23 CASE
Central
Semiconductor Corp.
TM
R1 (6-August 2003)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR
CMPD2005S contains two (2) High Voltage
Silicon Switching Diodes, manufactured by the
epitaxial planar process, epoxy molded in a
SOT-23 surface mount package, designed for
applications requiring high voltage capability.
MARKING CODE: DB5
MAXIMUM RATINGS (TA=25°C)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
300
V
Peak Repetitive Reverse Voltage
VRRM
350
V
Peak Repetitive Reverse Current
IO
200
mA
Continuous Forward Current
IF
225
mA
Peak Repetitive Forward Current
IFRM
625
mA
Forward Surge Current, tp= 1µs
IFSM
4.0
A
Forward Surge Current, tp= 1s
IFSM
1.0
A
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=280V
100
nA
IR
VR=280V, TA=150°C
100
µA
BVR
IR=100µA
350
V
VF
IF=20mA
0.87
V
VF
IF=100mA
1.0
V
VF
IF=200mA
1.25
V
CT
VR=0, f=1.0 MHz
5.0
pF
trr
IR=IF=30mA, Rec. to 3.0mA, RL=100Ω
50
ns


Similar Part No. - CMPD2005S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD2005S CENTRAL-CMPD2005S Datasheet
398Kb / 2P
SURFACE MOUNT DUAL, IN SERIES HIGH VOLTAGE SILICON SWITCHING DIODES
CMPD2005S CENTRAL-CMPD2005S Datasheet
398Kb / 2P
HIGH VOLTAGE SILICON SWITCHING DIODES
CMPD2005SG CENTRAL-CMPD2005SG Datasheet
398Kb / 2P
SURFACE MOUNT DUAL, IN SERIES HIGH VOLTAGE SILICON SWITCHING DIODES
CMPD2005SG CENTRAL-CMPD2005SG Datasheet
398Kb / 2P
HIGH VOLTAGE SILICON SWITCHING DIODES
CMPD2005S CENTRAL-CMPD2005S_10 Datasheet
398Kb / 2P
SURFACE MOUNT DUAL, IN SERIES HIGH VOLTAGE SILICON SWITCHING DIODES
More results

Similar Description - CMPD2005S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSD2005S CENTRAL-CMSD2005S Datasheet
115Kb / 2P
SURFACE MOUNT DUAL, IN SERIES HIGH VOLTAGE SILICON SWITCHING DIODES
CMLD2004 CENTRAL-CMLD2004 Datasheet
62Kb / 2P
SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
CMLD2004 CENTRAL-CMLD2004_10 Datasheet
526Kb / 2P
SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
CMPD2005S CENTRAL-CMPD2005S_10 Datasheet
398Kb / 2P
SURFACE MOUNT DUAL, IN SERIES HIGH VOLTAGE SILICON SWITCHING DIODES
CMPD7000 CENTRAL-CMPD7000_10 Datasheet
395Kb / 2P
SURFACE MOUNT DUAL, IN SERIES SILICON SWITCHING DIODES
CMSD2004S CENTRAL-CMSD2004S_10 Datasheet
472Kb / 2P
SURFACE MOUNT DUAL, IN SERIES SILICON SWITCHING DIODES
CMSD2005S CENTRAL-CMSD2005S_10 Datasheet
472Kb / 2P
SURFACE MOUNT DUAL, IN SERIES HIGH VOLTAGE SILICON SWITCHING DIODES
CMSD7000 CENTRAL-CMSD7000_10 Datasheet
472Kb / 2P
SURFACE MOUNT DUAL, IN SERIES SILICON SWITCHING DIODES
CMXD2004S CENTRAL-CMXD2004S_10 Datasheet
434Kb / 2P
SURFACE MOUNT DUAL PAIR, IN-SERIES HIGH VOLTAGE SILICON SWITCHING DIODES
CMSD2004S CENTRAL-CMSD2004S_15 Datasheet
472Kb / 2P
SURFACE MOUNT DUAL, IN SERIES SILICON SWITCHING DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com