Electronic Components Datasheet Search
  English  ▼

X  

MSM64155AL Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM64155AL
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64155AL Datasheet(HTML) 4 Page - OKI electronic componets

  MSM64155AL Datasheet HTML 1Page - OKI electronic componets MSM64155AL Datasheet HTML 2Page - OKI electronic componets MSM64155AL Datasheet HTML 3Page - OKI electronic componets MSM64155AL Datasheet HTML 4Page - OKI electronic componets MSM64155AL Datasheet HTML 5Page - OKI electronic componets MSM64155AL Datasheet HTML 6Page - OKI electronic componets MSM64155AL Datasheet HTML 7Page - OKI electronic componets MSM64155AL Datasheet HTML 8Page - OKI electronic componets MSM64155AL Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MSM64155A/64155AL
¡ Semiconductor
4/26
PAD CONFIGURATION
Pad Layout
Chip Size
: 4.35 mm ¥ 4.50 mm
Chip Thickness
: 350 mm (typ.)
Coordinate Origin
: Chip center
Pad Hole Size
: 110 mm ¥ 110 mm
Pad Size
: 120 mm ¥ 120 mm
Minimum Pad Pitch
: 150 mm
Note: The chip substrate voltage is VDD.
Y
X
51
50
75
76
26
99
25
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com