Electronic Components Datasheet Search
  English  ▼

X  

DFA100BA80 Datasheet(PDF) 2 Page - SanRex Corporation

Part # DFA100BA80
Description  THREE PHASE DIODE THYRISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DFA100BA80 Datasheet(HTML) 2 Page - SanRex Corporation

  DFA100BA80 Datasheet HTML 1Page - SanRex Corporation DFA100BA80 Datasheet HTML 2Page - SanRex Corporation DFA100BA80 Datasheet HTML 3Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DFA100BA80/160
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
Symbol
Item
Ratings
DFA100BA80
800
960
DFA100BA160
1600
1700
Unit
VRRM
VRSM
Repetitive Peak Reverse Voltage
Non-Repetitive Peak Reverse Voltage
V
V
800
1600
VDRM
Repetitive Peak off-State Voltage
V
Symbol
Item
Conditions
Ratings
100
Unit
IT(AV)
Average On-State Current
Singl phase half wave. 180
°conduction, Tc=92℃
ITSM
Surge On-State Current
I2t
I2t
1cycle, 50/60HZ, peak value, non-repetitive
A
1186/1300
A
7030
A2S
di
/dt
Critical Rate of Rise of On-State Current
IG
=100mA,
VD
=1/2VDRM,
diG/dt
=0.1A/μs
Tj
Operating Junction Temperature
Tstg
Storage Temperature
Mounting
Torque
Mounting
(M5)
Terminals
(M5)
Mass
Recommended Value 1.5-2.5
(15-25)
Recommended Value 1.5-2.5
(15-25)
Typical Value
150
A/
μs
−40 to +135
℃
VISO
Isolation Breakdown Voltage (R.M.S.)
A.C. 1minute
2500
V
−40 to +125
2.7
(28)
2.7
(28)
150
℃
N
・m
(㎏f・B)
g
Symbol
Item
Conditions
Ratings
70
Unit
IDRM
Repetitive Peak Off-State Current,max.
IRRM
Repetitive Peak Reverse Current,max.
Tj
=135℃,VD=VDRM
Tj
=135℃,VD=VRRM
VTM
Peak On-State Voltage,max.
IGT
Gate Trigger Current,max.
dv
/dt
Critical Rate of Rise of Off-
State Voltage,min.
Tj
=25℃,ITM=100A,Inst. measurement
VD
=6V,IT=1A
mA
70
mA
1.20
V
70
mA
VGT
Gate Trigger Voltage,max.
VD
=6V,IT=1A
3
V
Tj
=125℃,VD=2/3VDRM
Rth
(j-c) Thermal Impedance, max.
Junction to Case
500
V/
μs
0.36
℃/W
Case to Fin
0.10
℃/W
■Electrical Characteristics
●THYRISTOR
Rth
(c-f) Thermal Impedance, max.
DIODE Maximum Forward Characteristics
Forward Voltage Drop VF(V)
0.
5
1.
0
1.
5
2.
5
2.
0
1000
100
20
10
200
500
50
T
j=25℃
Max.
Output Current ID(A)
50
300
250
200
150
100
0
0
40
80
20
120
100
60
DIODE Output Current vs. Power Dissipation
Three Phase



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com