Electronic Components Datasheet Search
  English  ▼

X  

HCMS-2912 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCMS-2912
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCMS-2912 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCMS-2912 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCMS-2912 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCMS-2912 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCMS-2912 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCMS-2912 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCMS-2912 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCMS-2912 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCMS-2912 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCMS-2912 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
HCMS-292x
HCMS-296x
NO PIN
NO PIN
V LED
NO PIN
NO PIN
NO PIN
GND LED
NO PIN
NO PIN
V LED
NO PIN
NO PIN
NO PIN
DATA IN
RS
NO PIN
CLOCK
CE
BLANK
GND LOGIC
SEL
V LOGIC
NO PIN
RESET
OSC
DATA OUT
PIN FUNCTION ASSIGNMENT TABLE
NO PIN
NO PIN
V LED
NO PIN
NO PIN
NO PIN
GND LED
NO PIN
NO PIN
V LED
NO PIN
NO PIN
NO PIN
DATA IN
RS
NO PIN
CLOCK
CE
BLANK
GND LOGIC
SEL
V LOGIC
NO PIN
RESET
OSC
DATA OUT
1A
2A
3A
4A
5A
6A
7A
8A
9A
10A
11A
12A
13A
14A
15A
16A
17A
18A
19A
20A
21A
22A
23A
24A
25A
26A
PIN # FUNCTION
NOTES:
1. DIMENSIONS ARE IN mm (INCHES).
2. UNLESS OTHERWISE SPECIFIED, TOLERANCE ON DIMENSIONS IS ± 0.38 mm (0.015 INCH).
3. LEAD MATERIAL: SOLDER PLATED COPPER ALLOY.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1.27
(0.050)
0.25
(0.010)
7.62
(0.300)
2.03
(0.080)
4.83
(0.190)
PIN # 1 IDENTIFIER
ROW A
ROW B
35.56 (1.400) MAX.
3.71 (0.146) TYP.
2.22 (0.088) SYM.
4.45 (0.175) MAX.
19.81 (0.780) MAX.
9.65 (0.380)
XZ
COO
INTENSITY CATEGORY
DATE CODE (YEAR, WEEK)
COLOR BIN
COUNTRY OF ORIGIN
PART NUMBER
5.08 (0.200)
2.54
(0.100)
SYM.
0.51
(0.020)
0.51 ± 0.13
(0.020 ± 0.005)
TYP.
2.54 ± 0.13
(0.100 ± 0.005)
(NON ACCUM.)
TYP.
3A
26A
3B
26B
2.11 (0.083) TYP.
1B
2B
3B
4B
5B
6B
7B
8B
9B
10B
11B
12B
13B
14B
15B
16B
17B
18B
19B
20B
21B
22B
23B
24B
25B
26B
PIN # FUNCTION
HCMS-292X
YYWW
NOTES:
1. DIMENSIONS ARE IN mm (INCHES).
2. UNLESS OTHERWISE SPECIFIED, THE TOLERANCE ON DIMENSIONS IS ± 0.38 mm (0.015 INCH).
3. LEAD MATERIAL: SOLDER PLATED COPPER ALLOY.
3
2
1
0
PIN # 1 IDENTIFIER
PART NUMBER
5.31
(0.209)
0.169
(4.28)
SYM.
TYP.
0.51 ± 0.13
(0.020 ± 0.005)
2.54 ± 0.13
(0.100 ± 0.005)
TYP.
2.67 (0.105) SYM.
2.54 (0.100) TYP.
11.43 (0.450) MAX.
5.36 (0.211) TYP.
0.25
(0.010)
7.62
(0.300)
3.71
(0.146)
TYP.
0.072
(1.83)
SYM.
4.57
(0.180)
TYP.
XZ
COO
INTENSITY CATEGORY
DATE CODE (YEAR, WEEK)
COLOR BIN
COUNTRY OF ORIGIN
21.46 (0.845) MAX.
0.50
(0.020)
DATA OUT
OSC
V LED
DATA IN
RS
CLK
CE
BLANK
GND
SEL
V LOGIC
RESET
1
2
3
4
5
6
7
8
9
10
11
12
PIN FUNCTION
ASSIGNMENT TABLE
PIN #
FUNCTION
HCMS-296X
YYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com