Electronic Components Datasheet Search
  English  ▼

X  

MSM64164C Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM64164C
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64164C Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM64164C Datasheet HTML 9Page - OKI electronic componets MSM64164C Datasheet HTML 10Page - OKI electronic componets MSM64164C Datasheet HTML 11Page - OKI electronic componets MSM64164C Datasheet HTML 12Page - OKI electronic componets MSM64164C Datasheet HTML 13Page - OKI electronic componets MSM64164C Datasheet HTML 14Page - OKI electronic componets MSM64164C Datasheet HTML 15Page - OKI electronic componets MSM64164C Datasheet HTML 16Page - OKI electronic componets MSM64164C Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
13/41
¡ Semiconductor
MSM64164C
ABSOLUTE MAXIMUM RATINGS (1.5 V Spec.)
Parameter
Symbol
Condition
Rating
Unit
(VDD = 0 V)
Power Supply Voltage 1
VSS1
Ta = 25°C
–2.0 to +0.3
V
Power Supply Voltage 2
VSS2
Ta = 25°C
–4.0 to +0.3
V
Power Supply Voltage 3
VSS3
Ta = 25°C
–5.5 to +0.3
V
Power Supply Voltage 4
VSSL
Ta = 25°C
–2.0 to +0.3
V
Input Voltage 1
VIN1
VSS1 Input, Ta = 25°C
VSS1 – 0.3 to +0.3
V
Input Voltage 2
VIN2
VSS Input, Ta = 25°C
VSS – 0.3 to +0.3
V
Output Voltage 1
VOUT1
VSS1 Output, Ta = 25°C
VSS1 – 0.3 to +0.3
V
Output Voltage 2
VOUT2
VSS2 Output, Ta = 25°C
VSS2 – 0.3 to +0.3
V
Output Voltage 3
VOUT3
VSS3 Output, Ta = 25°C
VSS3 – 0.3 to +0.3
V
Output Voltage 4
VOUT4
VSS Output, Ta = 25°C
VSS – 0.3 to +0.3
V
Storage Temperature
TSTG
—
–55 to +150
°C
Power Supply Voltage 5
VSS
Ta = 25°C
–5.5 to +0.3
V
Input Voltage 3
VIN3
VSSL Input, Ta = 25°C
VSSL – 0.3 to +0.3
V
Output Voltage 5
VOUT5
VSSL Output, Ta = 25°C
VSSL – 0.3 to +0.3
V
RECOMMENDED OPERATING CONDITIONS (1.5 V Spec.)
Parameter
Symbol
Condition
Range
Unit
(VDD = 0 V)
—
Operating Temperature
Top
–40 to +85
°C
—
—
External 400 kHz RC Oscillator
Resistance
ROS
250 to 500
k
W
—
Crystal Oscillation Frequency
fXT
30 to 35
kHz
Operating Voltage
VSS1
–1.7 to –1.25
V
—
VSS
–5.25 to VSS1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com