Electronic Components Datasheet Search
  English  ▼

X  

BA1L4Z Datasheet(PDF) 1 Page - NEC

Part # BA1L4Z
Description  on-chip resistor NPN silicon epitaxial transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

BA1L4Z Datasheet(HTML) 1 Page - NEC

  BA1L4Z Datasheet HTML 1Page - NEC BA1L4Z Datasheet HTML 2Page - NEC BA1L4Z Datasheet HTML 3Page - NEC BA1L4Z Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1998
©
Document No. D13582EJ1V0DS00 (1st edition)
Date Published April 2002 N CP(K)
Printed in Japan
COMPOUND TRANSISTOR
BA1L4Z
on-chip resistor NPN silicon epitaxial transistor
For mid-speed switching
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
FEATURES
•
On-chip bias resistor
(R1 = 47 k
Ω)
•
Complementary transistor with BN1L4Z
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
60
V
Collector to emitter voltage
VCEO
50
V
Emitter to base voltage
VEBO
5V
Collector current (DC)
IC(DC)
100
mA
Collector current (Pulse)
IC(pulse) *
200
mA
Total power dissipation
PT
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 10 ms, duty cycle ≤ 50 %
PACKAGE DRAWING (UNIT: mm)
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 50 V, IE = 0
100
nA
DC current gain
hFE1 **
VCE = 5.0 V, IC = 5.0 mA
135
270
600
−
DC current gain
hFE2 **
VCE = 5.0 V, IC = 50 mA
100
260
−
Collector saturation voltage
VCE(sat) **
IC = 5.0 mA, IB = 0.25 mA
0.05
0.2
V
Low level input voltage
VIL **
VCE = 5.0 V, IC = 100
µA
0.57
0.5
V
High level input voltage
VIH **
VCE = 0.2 V, IC = 5.0 mA
4.0
1.7
V
Input resistance
R1
32.9
47
61.1
k
Ω
Turn-on time
ton
0.2
µs
Storage time
tstg
5.0
µs
Turn-off time
toff
VCC = 5.0 V, RL = 1.0 k
Ω
VI = 5.0 V, PW = 2.0
µs
duty cycle
≤2 %
6.0
µs
** Pulse test PW
≤ 350
µs, duty cycle ≤ 2 %
hFE CLASSIFICATION
Marking
Q
P
K
hFE1
135 to 270
200 to 400
300 to 600
Electrode Connection
1. Emitte
2. Collector
3. Base


Similar Part No. - BA1L4Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BA1L4Z RENESAS-BA1L4Z Datasheet
251Kb / 6P
COMPOUND TRANSISTOR
2002
More results

Similar Description - BA1L4Z

ManufacturerPart #DatasheetDescription
logo
NEC
AB1A4A NEC-AB1A4A Datasheet
85Kb / 6P
on-chip resistor NPN silicon epitaxial transistor
AN1A3Q NEC-AN1A3Q Datasheet
83Kb / 4P
On-Chip Resistor PNP Silicon Epitaxial Transistor
AN1L3M NEC-AN1L3M Datasheet
83Kb / 4P
on-chip resistor PNP silicon epitaxial transistor
AN1L3N NEC-AN1L3N Datasheet
82Kb / 4P
on-chip resistor PNP silicon epitaxial transistor
AP1A3M NEC-AP1A3M Datasheet
84Kb / 6P
on-chip resistor NPN silicon epitaxial transistor
AQ1L2N NEC-AQ1L2N Datasheet
104Kb / 6P
on-chip resistor NPN silicon epitaxial transistor
AR1A3M NEC-AR1A3M Datasheet
96Kb / 6P
on-chip resistor PNP silicon epitaxial transistor
BA1A4Z NEC-BA1A4Z Datasheet
75Kb / 4P
on-chip resistor PNP silicon epitaxial transistor
BA1L3M NEC-BA1L3M Datasheet
90Kb / 4P
On-chip resistor NPN Silicon Epitaxial Transistor
BA1L3N NEC-BA1L3N Datasheet
84Kb / 4P
on-chip resistor NPN silicon epitaxial transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com