Electronic Components Datasheet Search
  English  ▼

X  

25DR Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 25DR
Description  Glass Passivated Standard Recovery Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

25DR Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  25DR Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 25DR Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 25DR Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 25DR Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 25DR Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FORWARD CONDUCTION
PARAMETER
SYMBOL
UNIT
THERMAL AND MECHANICAL SPECIFCATIONS
TEST CONDITIONS
VALUES
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
IF(RMS)
Maximum RMS forward current
25
A
120
ºC
39
K/W
Maximum on-repetitive peak
reverse power
10μs square pulse, TJ = TJ maximum
Maximum peak, one-cycle forward,
non-reptitive surge current
IFSM
t = 10ms
t = 8.3ms
t = 10ms
t
= 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
No voltage
reapplied
100%VRRM
reapplied
No voltage
reapplied
100%VRRM
reapplied
2
I t
Sinusoidal half wave,
initial TJ = TJ maximum
10
356
373
300
314
634
578
450
410
2
A s
A
A
6337
t = 0.1 to 10 ms, no voltage reapplied
2
I √t
Maximum l²t for fusing
Maximum l²√t for fusing
Maximum forward voltage drop
VFM
1.30
2
A √s
V
lpk = 78 A, TJ = 25˚C, tp = 400µs rectangular wave
(1) Avalanche only for avalanche version, all other parameters the same as 25D
Note
PARAMETER
SYMBOL
UNITS
TEST CONDITIONS
VALUES
Maximum junction operating
temperature range
Maximum storage temperature range
- 65 to175
- 65 to 200
ºC
0.5
K/W
Maximum thermal resistace,
junction to case
Maximum thermal resistance
case to heatsink
1.5
(13)
(10)
6
0.21
(lbf · in)
N · m
Allowable mounting torque
Approximate weight
Case style
DO-203AA (DO-4)
TJ
Tstg
RthJC
RthCS
(lbf · in)
N · m
g
oz.
Not lubricated threads
Lubricated threads
Mounting surface, smooth, flat and greased
DC operation
See dimensions - link at the end of datasheet
PR(1)
1.5 +0
-10%
1.2
+0
-10%
ΔRthJC CONDUCTION
CONDUCTION ANGEL
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
UNITS
TEST CONDUCTIONS
K/W
180˚
120˚
90˚
60˚
30˚
0.28
0.39
0.50
0.73
1.20
0.24
0.41
0.54
0.75
1.21
TJ = TJ maximum
• The table above shows the increment of thermal resistance RthJC when devices
Note
operate at different conduction angles than DC
Page 2 of 5
www.nellsemi.com
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
25D(R)Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com