Electronic Components Datasheet Search
  English  ▼

X  

40DR02 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 40DR02
Description  Glass Passivated Standard Recovery Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

40DR02 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  40DR02 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 40DR02 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 40DR02 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 40DR02 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 40DR02 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 40DR02 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 40DR02 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
FORWARD CONDUCTION
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
IF(RMS)
Maximum RMS forward current
A
ºC
63
Maximum peak, one-cycle forward,
non-reptitive surge current
IFSM
t = 10ms
t = 8.3ms
t = 10ms
t
= 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
No voltage
reapplied
100%VRRM
reapplied
No voltage
reapplied
100%VRRM
reapplied
2
I t
Sinusoidal half wave,
initial TJ = TJ maximum
570
595
480
500
1625
1473
1150
1050
2
A s
A
A
16250
t = 0.1 to 10 ms, no voltage reapplied
2
I √t
Maximum l²t for fusing
Maximum l²√t for fusing
Maximum forward voltage drop
VFM
1.30
2
A √s
V
lpk = 125A, TJ = 25˚C, tp = 400µs rectangular wave
Maximum junction operating and
storage temperature range
- 65 to190
ºC
0.25
K/W
Maximum thermal resistace,
junction to case
Maximum thermal resistance
case to heatsink
0.95
15
0.53
(lbf · in)
N · m
Maximum allowable mounting torque
Approximate weight
Case style
DO-203AB (DO-5)
TJ
RthJC
RthCS
(lbf · in)
N · m
g
oz.
Mounting surface, smooth, flat and greased
DC operation
See dimensions - link at the end of datasheet
ΔRthJC CONDUCTION
CONDUCTION ANGEL
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
UNITS
TEST CONDUCTIONS
K/W
180˚
120˚
90˚
60˚
30˚
0.14
0.16
0.21
0.30
1.50
0.10
0.17
0.22
0.31
0.50
TJ = TJ maximum
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Note
40D(R)Series
40D
(R)
02 TO 12
16
40
40
140
110
1.50
FORWARD CONDUCTION
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
40D
(R)
02 TO 12
16
- 65 to160
(1)
Not lubricated thread ,tighting on nut
Lubricated thread ,tighting on hexagon (2)
Lubricated thread ,tighting on nut (1)
Not lubricated thread ,tighting on hexagon (2)
3.4(30)
2.3(20)
4.2(37)
3.2(28)
(+0% , -10%)
Note
(1) Recommended for pass-through holes.
(2) Recommended for holed threaded heatsinks.
Page 2 of 7
www.nellsemi.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com