Electronic Components Datasheet Search
  English  ▼

X  

MTP150 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # MTP150
Description  Three-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MTP150 Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  MTP150 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MTP150 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MTP150 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fig.1 Forward current vs. Forward voltage
Fig.2 Thermal lmpedance (junction to case)
Fig.3 Power Consumption vs. Avergage Current
Fig.4 Case Temperature vs. O-state Current
Fig.5 Forward Surge Current vs. Cycle
2
Fig.6 I t characteristic
Case Temperature (°C)
Output current (A)
Peak on-state current (A)
Time (s)
Time (ms)
Cycle @ 50Hz
3.5
3
2.5
2
1.5
1
0.5
10
100
1000
0.09
0.12
0.15
0.06
0.03
0
0.001
0.01
0.1
1
10
500
200
400
100
300
0
0
150
50
100
175
150
125
100
75
50
25
0
30
60
90
120
150 180
210
0.8
1.6
0.6
1.4
0.4
1.2
1
1
10
100
13
11
9
7
5
3
1
10
600
200
0
T
=150°C
J
RoHS
RoHS
Nell High Power Products
MTP150
Page 3 of 3
www.nellsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com