Electronic Components Datasheet Search
  English  ▼

X  

MSM64172 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM64172
Description  4-Bit Microcontroller with Built-in Serial Port and LCD Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64172 Datasheet(HTML) 3 Page - OKI electronic componets

  MSM64172 Datasheet HTML 1Page - OKI electronic componets MSM64172 Datasheet HTML 2Page - OKI electronic componets MSM64172 Datasheet HTML 3Page - OKI electronic componets MSM64172 Datasheet HTML 4Page - OKI electronic componets MSM64172 Datasheet HTML 5Page - OKI electronic componets MSM64172 Datasheet HTML 6Page - OKI electronic componets MSM64172 Datasheet HTML 7Page - OKI electronic componets MSM64172 Datasheet HTML 8Page - OKI electronic componets MSM64172 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TR2
TR0
TR1
C
ALU
BA
PCM PCL
PCH
HL
XY
A11 to A8
A7 to A0
DB7 to DB0
(8)
ROM
2016B
BIAS
RAM
128N
SIOP
INT
(8)
ROMR
SP
TIMING
CONTROLLER
DB7 to DB0
PORT ADDRESS
is the CPU core (nX–4/20).
VSS1
VSS2
VSS3
C1
C2
LCD
S0
S1
S22
COM1
COM0
VSS
P1
P2
P1.0
P1.1
P2.3
INT
P0.0
P0.1
BD
INTC
WDT
INT
TBC
INT
2CLK
RSTG
TST
VR
OSC2
OSC1
XT
XT
RESET
TST1
TST2
VSSL
COM3/S23
COM2/S24
VSS
INT
P0.2
VSS
3
P0
P0.3
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com