Electronic Components Datasheet Search
  English  ▼

X  

LTC0485 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LTC0485
Description  Telecamere colori ad alte prestazioni
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LTC0485 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LTC0485 Datasheet HTML 1Page - List of Unclassifed Manufacturers LTC0485 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9922 141 01581 | Printed in The Netherlands | October 2003 • Data subject to change without notice.
SPECIFICATIONS
Type numbers
LTC0485/10 LTC0485/50 LTC0485/20 LTC0485/60
CCD type
1/3-inch interline
Active pixels
752 x 582 (CCIR)
768x492 (NTSC)
Sensitivity (Full video)
1.4 lux
Sensitivity 50 IRE
0.59 lux / 0.24 lux (NightSense)
Minimum illumination
0.4 lux / 0.15 lux (NightSense)
Min. Resolution
480 TVL
SNR
> 50 dB
Video output
1 Vpp, 75
Ω
Y/C output
Y: 1 Vpp / C: 0.3 Vpp
Synchronization
Internal, Line Lock, HV-lock and Genlock (Burst lock) selectable
Shutter
Auto (1/50 to 1/500000), Fixed, Flickerless, Default
NightSense
Auto, Forced, Off
Sensitivity up
Off, Automatic continuous up to 10x
Auto Black
On, Off selectable
Dynamic Range
32x dynamic range enhancement
Dynamic Noise
Reduction
Low, Medium, High, Off selectable
Contour
Sharpness enhancement level selectable
BLC
Off, Area and Level selectable
Gain
Auto (maximum level selectable to 28 dB)
or fixed level selectable
Lens Mount
C/CS
White balance
ATW (2500 - 10000 K), AWB hold,
Manual WB selectable
VMD
4 area, sensitivity selectable
Alarm output
VMD or Bilinx
Alarm Input (TTL)
Profile switching, +5 V nominal, +40 Vdc max
Alarm Output Relay max. 30 Vac or +40 Vdc, Max 0,5 A continuous, 10 VA
External sync input
75
Ω or High Impedance selectable
Cable compensation
Up to 1000 m coax without external amplifiers
(automatic set-up in combination with
coaxial communication)
Camera ID
16 character editable string, position selectable
Lens types
Manual, DC and Video Iris auto-detect with override
DC iris drive: max 50 mA continuous
Video iris: 11.5 ± 0.5 VDC, max 50 mA continuous
Remote control
Bi-directional coaxial communication
Power Consumption
4 W
Power Supply
12-28 VAC 110-240 VAC 12-28 VAC 110-240 VAC
11-36 VDC
50 or 60 Hz
11-36 VDC
50 or 60 Hz
Dimensions
58 x 66 x 122 mm (2.28 x 2.6 x 4.8 inch) (hxwxl) without lens
Weight
450 g (0.99 lbs) without lens
Tripod mount
Bottom (isolated) and top 1/4" 20 UNC
Operating temperature
–20 °C to +50 °C (–4 °F to +131 °F)
Controls
OSD with softkey operation
ENVIRONMENTAL
Storage temperature
-25 °C to +70 °C (-13 °F to +158 °F)
Ambient humidity
Operating: 20% to 93% RH, storage up to 98% RH
Electro Magnetic Compatibility
Emission
EN55022 class B, FCC class B part 15
Immunity
EN50130-4 Alarm Systems, Part 4
Vibration
Camera with 500 gr lens according to
IEC60068-2-27
Safety
EN60065 (/10 and /50 models)
UL6500, cUL CAN/CSA E60065-00
(/20 and /60 models)
Accessories
VP-CFGSFT
Configuration software for cameras using Bilinx.
Includes VP-USB Adaptor.
Power transformers
TC1334
12 VAC, 60 Hz
24 VAC, 30 VA
TC120PS
12 VAC, 60 Hz
15 VDC, 9 VA
TC220PSX-24
220-240 VAC, 50/60 Hz
24 VAC, 20 VA
TC220PS
220-240 VAC, 50/60 Hz
15 VDC, 9 VA
Varifocal lenses
LTC 3364/21
1/3" DC-iris, 2.8-6 mm
F1.4-300 - IR
LTC 3364/31
1/3" DC-iris, 3.5-8 mm
F1.4-300 - IR
LTC 3364/40
1/3" DC-iris, 2.8-12 mm F1.4-360
LTC 3374/20
1/3" DC-iris, 5-50 mm
F1.4-185
Zoom lenses
LTC 3384/21
1/3" DC-iris, 6-60 mm
F1.4-360
RECOMMENDED LENSES
122
48
67
117
85
133
LENS 4-PIN
1/4"-20 UNC
1/4"-20 UNC
33
Dimensions in mm
GAMMA COMMERCIALE S.r.l.
Via Dei Lavoratori 119/B - 20092 Cinisello Balsamo MI
Tel. 02.6127206 - Fax 02.6124828
www.gammacommerciale.it
info@gammacommerciale.it



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com