Electronic Components Datasheet Search
  English  ▼

X  

KA4A4P Datasheet(PDF) 21 Page - NEC

Part # KA4A4P
Description  RESISTOR BUILT-IN TYPE NPN TRANSISTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

KA4A4P Datasheet(HTML) 21 Page - NEC

Back Button KA4A4P Datasheet HTML 14Page - NEC KA4A4P Datasheet HTML 15Page - NEC KA4A4P Datasheet HTML 16Page - NEC KA4A4P Datasheet HTML 17Page - NEC KA4A4P Datasheet HTML 18Page - NEC KA4A4P Datasheet HTML 19Page - NEC KA4A4P Datasheet HTML 20Page - NEC KA4A4P Datasheet HTML 21Page - NEC KA4A4P Datasheet HTML 22Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Data Sheet D16495EJ3V0DS
21
KA4xxx
[KA4L4K]
TYPICAL CHARACTERISTICS (TA = 25°C)
COLLECTOR TO EMITTER VOLTAGE vs.
COLLECTOR CURRENT
2
0
0
10
20
30
40
50
46
8
10
VCE - Collector to Emitter Voltage - V
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
IB = 250 A
µ
200 A
µ
150 A
µ
100 A
µ
50 A
µ
0
0.1
0.2
0.3
0.4
0.5
0
5
10
15
20
25
30
35
40
VIN = 5.0 V
10.0 V
15.0 V
IC - Collector Current - mA
DC CURRENT GAIN vs. COLLECTOR CURRENT
COLLECTOR SATURATION VOLTAGE vs.
COLLECTOR CURRENT
1
10
100
1000
110
100
VCE = 5.0 V
TA = 75°C
25°C
−25°C
IC - Collector Current - mA
0.01
0.1
1
110
100
IC = 10・IB
TA = 75°C
25°C
−25°C
IC - Collector Current - mA
INPUT VOLTAGE vs. COLLECTOR CURRENT
COLLECTOR CURRENT vs. INPUT VOLTAGE
0.1
1
10
100
110
100
VCE = 0.2 V
TA = 75°C
25°C
−25°C
IC - Collector Current - mA
1
10
100
1000
1.82.2
2.6
3
3.43.8
4.24.6
VCE = 5.0 V
25°C
−25°C
TA = 75°C
VIN - Input Voltage - V
RESISTER vs. AMBIENT TEMPERATURE
0
10
20
30
40
50
60
-25
0
25
50
75
100
R1
R2
TA - Ambient Temperature - °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com