Electronic Components Datasheet Search
  English  ▼

X  

KA4A4Z Datasheet(PDF) 1 Page - NEC

Part # KA4A4Z
Description  RESISTOR BUILT-IN TYPE NPN TRANSISTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

KA4A4Z Datasheet(HTML) 1 Page - NEC

  KA4A4Z Datasheet HTML 1Page - NEC KA4A4Z Datasheet HTML 2Page - NEC KA4A4Z Datasheet HTML 3Page - NEC KA4A4Z Datasheet HTML 4Page - NEC KA4A4Z Datasheet HTML 5Page - NEC KA4A4Z Datasheet HTML 6Page - NEC KA4A4Z Datasheet HTML 7Page - NEC KA4A4Z Datasheet HTML 8Page - NEC KA4A4Z Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON TRANSISTOR
KA4xxx
RESISTOR BUILT-IN TYPE NPN TRANSISTOR
DATA SHEET
Document No. D16495EJ3V0DS00 (3rd edition)
Date Published October 2004 NS CP(K)
Printed in Japan
2002
The mark
shows major revised points.
FEATURES
• Compact package
• Resistors built-in type
• Complementary to KN4xxx
ORDERING INFORMATION
PART NUMBER
PACKAGE
KA4xxx
SC-75 (USM)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
5
V
Collector Current (DC)
IC
0.1
A
Collector Current (pulse)
Note
IC(pulse)
0.2
A
Total Power Dissipation
PT
0.2
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Note PW
≤ 10 ms, Duty Cycle ≤ 50%
PART NUMBER
MARK
R1
R2
UNIT
PART NUMBER
MARK
R1
R2
UNIT
KA4A4M
A4
10.0
10.0
k
Ω
KA4L4L
K4
47.0
22.0
k
Ω
KA4F4M
B4
22.0
22.0
k
Ω
KA4A4Z
Y4
10.0
k
Ω
KA4L4M
C4
47.0
47.0
k
Ω
KA4F4Z
Z4
22.0
k
Ω
KA4L3M
D4
4.7
4.7
k
Ω
KA4L4Z
N4
47.0
k
Ω
KA4L3N
E4
4.7
10.0
k
Ω
KA4F3M
P4
2.2
2.2
k
Ω
KA4L3Z
F4
4.7
k
Ω
KA4F3P
Q4
2.2
10.0
k
Ω
KA4A3Q
G4
1.0
10.0
k
Ω
KA4F3R
R4
2.2
47.0
k
Ω
KA4A4P
H4
10.0
47.0
k
Ω
KA4A4L
S4
10.0
4.7
k
Ω
KA4F4N
X4
22.0
47.0
k
Ω
KA4L4K
T4
47.0
10.0
k
Ω
PACKAGE DRAWING (Unit: mm)
0.6
0.75 ± 0.05
0 to 0.1
0.15
+0.1
–0.05
0.5
2
1
3
1.0
1.6 ± 0.1
0.2
+0.1
–0
0.5
0.3
+0.1
–0
EQUIVALENT CIRCUIT
2
R1
R2
1
3
PIN CONNECTION
1: Emitter
2: Base
3: Collector


Similar Part No. - KA4A4Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
KA4A4Z RENESAS-KA4A4Z Datasheet
464Kb / 24P
SILICON TRANSISTOR
2002
More results

Similar Description - KA4A4Z

ManufacturerPart #DatasheetDescription
logo
NEC
GA1A3Q NEC-GA1A3Q Datasheet
178Kb / 4P
MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR
GA1A4M NEC-GA1A4M Datasheet
192Kb / 4P
MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR?
GA1L3M NEC-GA1L3M Datasheet
173Kb / 4P
MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR?
GA1L3N NEC-GA1L3N Datasheet
176Kb / 4P
MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR?
GA1L4L NEC-GA1L4L Datasheet
186Kb / 4P
MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR?
GA1L4Z NEC-GA1L4Z Datasheet
161Kb / 4P
MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR?
FA4A4M NEC-FA4A4M Datasheet
685Kb / 22P
RESISTOR BUILT-IN TYPE NPN TRANSISTOR
GA4F3R NEC-GA4F3R Datasheet
370Kb / 22P
RESISTOR BUILT-IN TYPE NPN TRANSISTOR
logo
Unisonic Technologies
DTC115T UTC-DTC115T Datasheet
69Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTOR)
DTC124T UTC-DTC124T Datasheet
106Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTOR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com