Electronic Components Datasheet Search
  English  ▼

X  

74VHC157 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74VHC157
Description  Quad 2-Input Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VHC157 Datasheet(HTML) 2 Page - ON Semiconductor

  74VHC157 Datasheet HTML 1Page - ON Semiconductor 74VHC157 Datasheet HTML 2Page - ON Semiconductor 74VHC157 Datasheet HTML 3Page - ON Semiconductor 74VHC157 Datasheet HTML 4Page - ON Semiconductor 74VHC157 Datasheet HTML 5Page - ON Semiconductor 74VHC157 Datasheet HTML 6Page - ON Semiconductor 74VHC157 Datasheet HTML 7Page - ON Semiconductor 74VHC157 Datasheet HTML 8Page - ON Semiconductor 74VHC157 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
tm
May 2007
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC157 Rev. 1.2
74VHC157
Quad 2-Input Multiplexer
Features
■ High Speed: tPD = 4.1ns (Typ.) at VCC = 5V
■ Low power dissipation: ICC = 4µA (Max.) at TA = 25°C
■ High noise immunity: VNIH = VNIL = 28% VCC (Min.)
■ Power down protection is provided on all inputs
■ Low noise: VOLP = 0.8V (Max.)
■ Pin and function compatible with 74HC157
General Description
The VHC157 is an advanced high speed CMOS Quad
2-Channel Multiplexer fabricated with silicon gate CMOS
technology. It achieves the high speed operation similar
to equivalent Bipolar Schottky TTL while maintaining the
CMOS low power dissipation.
It consists of four 2-input digital multiplexers with com-
mon select and enable inputs. When the ENABLE input
is held “H” level, selection of data is inhibited and all the
outputs become “L” level. The SELECT decoding deter-
mines whether the I0x or I1x inputs get routed to their cor-
responding outputs.
An Input protection circuit ensures that 0V to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and on two supply systems such as battery
back up. This circuit prevents device destruction due to
mismatched supply and input voltages.
Ordering Information
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the
ordering number.
Connection Diagram
Pin Description
Order Number
Package
Number
Package Description
74VHC157M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150”
Narrow
74VHC157SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC157MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
Pin Names
Description
I0a–I0d
Source 0 Data Inputs
I1a–I1d
Source 1 Data Inputs
E
Enable Input
S
Select Input
Za–Zd
Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com