Electronic Components Datasheet Search
  English  ▼

X  

74VHCT138AMTC Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74VHCT138AMTC
Description  3-to-8 Decoder/Demultiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VHCT138AMTC Datasheet(HTML) 2 Page - ON Semiconductor

  74VHCT138AMTC Datasheet HTML 1Page - ON Semiconductor 74VHCT138AMTC Datasheet HTML 2Page - ON Semiconductor 74VHCT138AMTC Datasheet HTML 3Page - ON Semiconductor 74VHCT138AMTC Datasheet HTML 4Page - ON Semiconductor 74VHCT138AMTC Datasheet HTML 5Page - ON Semiconductor 74VHCT138AMTC Datasheet HTML 6Page - ON Semiconductor 74VHCT138AMTC Datasheet HTML 7Page - ON Semiconductor 74VHCT138AMTC Datasheet HTML 8Page - ON Semiconductor 74VHCT138AMTC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
tm
May 2007
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCT138A Rev. 1.2
74VHCT138A
3-to-8 Decoder/Demultiplexer
Features
■ High Speed: tPD = 7.6ns (Typ.) at VCC = 5V
■ Low power dissipation: ICC = 4µA (Max.) at TA = 25°C
■ Power down protection is provided on all inputs and
outputs
■ Pin and function compatible with 74HCT138
General Description
The VHCT138A is an advanced high speed CMOS
3-to-8 DECODER fabricated with silicon gate CMOS
technology. It achieves the high speed operation similar
to equivalent Bipolar Schottky TTL while maintaining the
CMOS low power dissipation.
When the device is enabled, 3 Binary Select inputs
(A0, A1 and A2) determine which one of the outputs
(O0–O7) will go LOW. When enable input E3 is held
LOW or either E1 or E2 is held HIGH, decoding function
is inhibited and all outputs go HIGH. E3, E1 and E2 inputs
are provided to ease cascade connection and for use as
an address decoder for memory systems. Protection
circuits ensure that 0V to 7V can be applied to the input
pins without regard to the supply voltage and to the out-
put pins with VCC = 0V. These circuits prevent device
destruction due to mismatched supply and input/output
voltages. This device can be used to interface 3V to 5V
systems and two supply systems such as battery
backup.
Ordering Information
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the
ordering number.
Order Number
Package
Number
Package Description
74VHCT138AM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VHCT138ASJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHCT138AMTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com