Electronic Components Datasheet Search
  English  ▼

X  

NNCD5.6H Datasheet(PDF) 2 Page - NEC

Part # NNCD5.6H
Description  LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD5.6H Datasheet(HTML) 2 Page - NEC

  NNCD5.6H Datasheet HTML 1Page - NEC NNCD5.6H Datasheet HTML 2Page - NEC NNCD5.6H Datasheet HTML 3Page - NEC NNCD5.6H Datasheet HTML 4Page - NEC NNCD5.6H Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet D15419EJ1V0DS
2
NNCD5.6H, NNCD6.8H
ELECTRICAL CHARACTERISTICS (TA = 25°C) (A - K1, A - K2, A - K3, A - K4)
BREAKDOWN
VOLTAGE
Note1
VBR (V)
CAPACITANCE
Ct (pF)
REVERSE
LEAKAGE
IR (
µA)
DYNAMIC
IMPEDANCE
Note2
Zz (
Ω)
ESD VOLTAGE
Note3
(kV)
TYPE No.
MIN.
MAX.
IT (mA)
TYP.
Condition
MAX.
VR (V)
MAX.
IT (mA)
MIN.
Condition
NNCD5.6H
5.3
6.3
5
110
5
2.5
110
5
NNCD6.8H
6.2
7.1
5
90
VR = 0 V
f = 1 MHz
23.5
40
5
30
C = 150 pF
R = 330
Ω
Contact
discharge
Notes 1. Tested with pulse (40 ms).
2. Zz is measured IT given a small A.C. signal.
3. Based upon with IEC61000-4-2.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com