Electronic Components Datasheet Search
  English  ▼

X  

MSM64P155L Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM64P155L
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64P155L Datasheet(HTML) 1 Page - OKI electronic componets

  MSM64P155L Datasheet HTML 1Page - OKI electronic componets MSM64P155L Datasheet HTML 2Page - OKI electronic componets MSM64P155L Datasheet HTML 3Page - OKI electronic componets MSM64P155L Datasheet HTML 4Page - OKI electronic componets MSM64P155L Datasheet HTML 5Page - OKI electronic componets MSM64P155L Datasheet HTML 6Page - OKI electronic componets MSM64P155L Datasheet HTML 7Page - OKI electronic componets MSM64P155L Datasheet HTML 8Page - OKI electronic componets MSM64P155L Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
MSM64P155/64P155L
¡ Semiconductor
1/29
GENERAL DESCRIPTION
The MSM64P155 (1.5 V)/64P155L (3.0 V) is a one-time-programmable ROM version product,
which has one-time PROM (OTP) as internal program memory. On the other hand, the
MSM64155 is a mask ROM-version product, which has mask ROM as internal program memory.
Unlike the mask ROM-version MSM64155 which has a P-well CMOS structure, the MSM64P155/
64P155L has been fabricated with the N-well CMOS-structured EPROM process technology.
Therefore, the MSM64P155/64P155L differs from the MSM64155 in the polarity of the power
supply for LCD bias generation and in the external circuit structure.
Unlike the mask ROM-version product, the MSM64P155/64P155L cannot be supplied in the
form of a chip. The MSM64P155/64P155L is an OTP-version product used to evaluate an
application program.
The MSM64P155/64P155L has two operation modes, microcontroller operation mode and
PROM mode. The microcontroller operation mode is used to operate the MSM64P155/64P155L
like a mask ROM-version product and the PROM mode is used to program or read the PROM.
FEATURES
• Operating range
Operating voltage (mask option) : 1.5 V/3.0 V
Operating frequency
: 32.768 kHz crystal oscillation
Approx. 32 kHz RC oscillation
• Minimum instruction execution time : 91 ms
• General memory space
: 4064 bytes (PROM)
• Local memory space
: 256 nibbles
• LCD driver
: 64
Common driver ¥ 4
Segment driver ¥ 60
1/4 duty, 1/3 bias; 240 segments (60 ¥ 4)
1/3 duty, 1/3 bias; 180 segments (60 ¥ 3)
• I/O port
Input-output port
: 2 ports ¥ 4 bits (open-drain output/CMOS output
selectable; pull-down resistor input/high-impedance
input selectable)
Input port
: 1 port ¥ 2 bits (pull-down resistor input/high-impedance
input selectable)
1 port ¥ 4 bits (pull-down resistor input/high-impedance
input selectable)
Output port
: 1 port ¥ 4 bits (CMOS output)
• Event counter
: 1 channel
• Melody output
: 2
• Capture circuits
: 2 channels
256 Hz, 128 Hz, 64 Hz, 32 Hz
¡ Semiconductor
MSM64P155/64P155L
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
E2E0050-18-95
This version: Sep. 1998
Preliminary


Similar Part No. - MSM64P155L

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64P164 OKI-MSM64P164 Datasheet
267Kb / 37P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
More results

Similar Description - MSM64P155L

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153A OKI-MSM64153A Datasheet
146Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64155A OKI-MSM64155A Datasheet
150Kb / 26P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM5052 OKI-MSM5052 Datasheet
161Kb / 12P
Built-in Temperature Circuit and LCD Driver 4-Bit Microcontroller
MSM6051 OKI-MSM6051 Datasheet
91Kb / 7P
Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
Built-in LCD Driver 4-Bit Microcontroller
ML63193 OKI-ML63193 Datasheet
193Kb / 37P
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
ML63293 OKI-ML63293 Datasheet
54Kb / 5P
4-Bit Microcontroller with Built-in LCD Driver ( 68SEG. 32COM. ) and Melody Circuit
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com