Electronic Components Datasheet Search
  English  ▼

X  

L293 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # L293
Description  QUADRUPLE HALF-H DRIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

L293 Datasheet(HTML) 5 Page - Texas Instruments

  L293 Datasheet HTML 1Page - Texas Instruments L293 Datasheet HTML 2Page - Texas Instruments L293 Datasheet HTML 3Page - Texas Instruments L293 Datasheet HTML 4Page - Texas Instruments L293 Datasheet HTML 5Page - Texas Instruments L293 Datasheet HTML 6Page - Texas Instruments L293 Datasheet HTML 7Page - Texas Instruments L293 Datasheet HTML 8Page - Texas Instruments L293 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
L293, L293D
QUADRUPLE HALFH DRIVERS
SLRS008C − SEPTEMBER 1986 − REVISED NOVEMBER 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Supply voltage
VCC1
4.5
7
V
Supply voltage
VCC2
VCC1
36
V
VIH
High-level input voltage
VCC1 ≤ 7 V
2.3
VCC1
V
VIH
High-level input voltage
VCC1 ≥ 7 V
2.3
7
V
VIL
Low-level output voltage
−0.3†
1.5
V
TA
Operating free-air temperature
0
70
°C
† The algebraic convention, in which the least positive (most negative) designated minimum, is used in this data sheet for logic voltage levels.
electrical characteristics, VCC1 = 5 V, VCC2 = 24 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
L293: IOH = −1 A
L293D: IOH = − 0.6 A
VCC2 − 1.8 VCC2 − 1.4
V
VOL
Low-level output voltage
L293: IOL = 1 A
L293D: IOL = 0.6 A
1.2
1.8
V
VOKH
High-level output clamp voltage
L293D: IOK = − 0.6 A
VCC2 + 1.3
V
VOKL
Low-level output clamp voltage
L293D: IOK = 0.6 A
1.3
V
IIH
High-level input current
A
VI = 7 V
0.2
100
A
IIH
High-level input current
EN
VI = 7 V
0.2
10
µA
IIL
Low-level input current
A
VI = 0
−3
−10
A
IIL
Low-level input current
EN
VI = 0
−2
−100
µA
All outputs at high level
13
22
ICC1
Logic supply current
IO = 0
All outputs at low level
35
60
mA
ICC1
Logic supply current
IO = 0
All outputs at high impedance
8
24
mA
All outputs at high level
14
24
ICC2
Output supply current
IO = 0
All outputs at low level
2
6
mA
ICC2
Output supply current
IO = 0
All outputs at high impedance
2
4
mA
switching characteristics, VCC1 = 5 V, VCC2 = 24 V, TA = 25°C
PARAMETER
TEST CONDITIONS
L293NE, L293DNE
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output from A input
800
ns
tPHL
Propagation delay time, high-to-low-level output from A input
CL = 30 pF, See Figure 1
400
ns
tTLH
Transition time, low-to-high-level output
CL = 30 pF, See Figure 1
300
ns
tTHL
Transition time, high-to-low-level output
300
ns
switching characteristics, VCC1 = 5 V, VCC2 = 24 V, TA = 25°C
PARAMETER
TEST CONDITIONS
L293DWP, L293N
L293DN
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output from A input
750
ns
tPHL
Propagation delay time, high-to-low-level output from A input
CL = 30 pF, See Figure 1
200
ns
tTLH
Transition time, low-to-high-level output
CL = 30 pF, See Figure 1
100
ns
tTHL
Transition time, high-to-low-level output
350
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com