Electronic Components Datasheet Search
  English  ▼

X  

MSM65352 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM65352
Description  8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65352 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM65352 Datasheet HTML 4Page - OKI electronic componets MSM65352 Datasheet HTML 5Page - OKI electronic componets MSM65352 Datasheet HTML 6Page - OKI electronic componets MSM65352 Datasheet HTML 7Page - OKI electronic componets MSM65352 Datasheet HTML 8Page - OKI electronic componets MSM65352 Datasheet HTML 9Page - OKI electronic componets MSM65352 Datasheet HTML 10Page - OKI electronic componets MSM65352 Datasheet HTML 11Page - OKI electronic componets MSM65352 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8/15
¡ Semiconductor
MSM65352/65352B
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage
VDD
–0.3 to 7.0
Input Voltage
VI
–0.3 to VDD+0.3
Output Voltage
VO
–0.3 to VDD+0.3
Power Dissipation
PD
400
Ta = 25°C
Ta = 25°C, per package
50
Ta = 25°C, per output
Storage Temperature
TSTG
—
–55 to +150
V
mW
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Range
Unit
Supply Voltage
VDD
2.7 to 5.5
Memory Hold Voltage
VDDMH
2.0 to 5.5
fOSC
1 to 10
Oscillation Frequency*1
fXT
32.768
fOSC = 0Hz
VDD = 2.7 to 5.5
0 to 10
—
Operating Temparature
Top
—
–20 to +70
V
MHz
°C
—
—
fEXTCLK
External Clock
Operating Frequency*2
kHz
MHz
*1 Determined by the crystal oscillator or ceramic resonator to be used.
*2 External clock cannot be used in the XT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com