Electronic Components Datasheet Search
  English  ▼

X  

2SA675 Datasheet(PDF) 1 Page - NEC

Part # 2SA675
Description  PNP SILICON EPITAXIAL TRANSISTOR FOR DRIVING FLUORESCENT INDICATOR PANNEL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA675 Datasheet(HTML) 1 Page - NEC

  2SA675 Datasheet HTML 1Page - NEC 2SA675 Datasheet HTML 2Page - NEC 2SA675 Datasheet HTML 3Page - NEC 2SA675 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1998
©
Document No. D16146EJ3V0DS00
Date Published April 2002 N CP(K)
Printed in Japan
SILICON TRANSISTOR
2SA675
PNP SILICON EPITAXIAL TRANSISTOR
FOR DRIVING FLUORESCENT INDICATOR PANNEL
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The 2SA675 is a resin sealed mold transistor and is ideal for
dynamic drivers of counting indicator pannel such as fluorescent
indicator pannel due to high voltage.
•
High voltage
VCBO >
−80 V, VCER > −80 V
•
Excellent linearity for current of DC current gain
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
−80
V
Collector to emitter voltage
VCER *
−80
V
Emitter to base voltage
VEBO
−5.0
V
Collector current
IC
−100
mA
Total power dissipation
PT
250
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
*RBE = 30 k
Ω
PACKAGE DRAWING (UNIT: mm)
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = –60 V, IE = 0
−1.0
µA
Emitter cutoff current
IEBO
VEB = –3.0 V, IC = 0
−1.0
µA
DC current gain
hFE1
VCE = –3.0 V, IC = –1.0 mA
60
120
DC current gain
hFE2
VCE = –3.0 V, IC = –20 mA
50
120
300
Collector saturation voltage
VCE(sat)
IC = –20 mA, IB = –1.0 mA
−0.10
−1.50
V
Base saturation voltage
VBE(sat)
IC = –20 mA, IB = –1.0 mA
−0.74
−1.20
V
Gain bandwidth product
fT
VCE = –6.0 V, IE = 10 mA
100
170
MHz
Output capacitance
Cob
VCB = –10 V, IE = 0, f = 1.0 MHz
4.5
10
pF
Storage time
tstg
Refer to the test circuit.
0.5
1.0
µs


Similar Part No. - 2SA675

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA675 ETC1-2SA675 Datasheet
79Kb / 1P
High Voltage Transistors
logo
Renesas Technology Corp
2SA675 RENESAS-2SA675 Datasheet
243Kb / 6P
SILICON TRANSISTOR
2002
More results

Similar Description - 2SA675

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com