Electronic Components Datasheet Search
  English  ▼

X  

85FDR06 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 85FDR06
Description  Fast Recovery Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

85FDR06 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  85FDR06 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 85FDR06 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 85FDR06 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 85FDR06 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 85FDR06 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 85FDR06 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
FORWARD CONDUCTION
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
85FD(R)
Maximum average forward current
at maximum case temperature
IF(AV)
180° conduction, half sine wave
IF(RMS)
Maximum RMS forward current
A
85
ºC
133
A
IFRM
Maximum peak repetitive forward current
470
Maximum peak, one-cycle
non-reptitive surge current
IFSM
t = 10ms
t = 8.3ms
t = 10ms
t
= 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
2
I t
Sinusoidal half wave, 100% VRRM
1100
1151
1308
1369
6050
5498
8554
7778
2
A s
A
A
85543
t = 0.1 ms to 10 ms, no voltage reapplied
2
I √t
Maximum l²t for fusing
(1)
Maximum l²√t for fusing
2
A √s
Maximum forward voltage drop
T = 125°C
J
1.128
V
2.11
85
VFM
T = 25°C;
J
l
= 265A
FM
1.75
V
Maximum value of threshold voltage
VF(TO)
rF
Maximum value of forward slope resistance
reapplied, initial T =T maximum
J
J
(1) 2
2
Note :
l t for time t =I
t
x
√
√tx
Sinusoidal half wave, 30° conduction
mΩ
Sinusoidal half wave, no voltage
reapplied, initial T =T maximum
J
J
100% V
reapplied,
RRM
initial T =T maximum
J
J
no voltage reapplied,
initial T =T maximum
J
J
SWITCHING
200
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
trr
240
08 to 12
85FD(R)
120
ns
70
500
Typical reverse recovery time
T = 25°C,
,
J
I = 1A to V = 30V
F
R
-dl /dt = 100 A/µs
F
nC
200
Qrr
340
02 to 06
1300
Typical reverse recovered charge
T = 25°C, I = 1A to V = 30V,
J
F
R
-dl /dt = 100 A/µs
F
T = 25°C, -dl /dt = 25 A/µs,
J
F
l
=
π x rated l
FM
F(AV)
T = 25°C, -dl /dt = 25 A/µs,
J
F
l
=
x rated l
FM
F(AV)
π
50
500
85FD(R)Series
T = 25°C,
J
I = 0.5A, I = 1.0A,
F
R
I
= 250mA (RG#1 CKT)
RR
Page 2 of 6
www.nellsemi.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com