Electronic Components Datasheet Search
  English  ▼

X  

2SA1649 Datasheet(PDF) 1 Page - NEC

Part # 2SA1649
Description  PNP SILICON EPITAXIAL POWER TRANSISTOR FOR HIGH-SPEED SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1649 Datasheet(HTML) 1 Page - NEC

  2SA1649 Datasheet HTML 1Page - NEC 2SA1649 Datasheet HTML 2Page - NEC 2SA1649 Datasheet HTML 3Page - NEC 2SA1649 Datasheet HTML 4Page - NEC 2SA1649 Datasheet HTML 5Page - NEC 2SA1649 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document No. D15588EJ2V0DS00 (2nd edition)
Date Published April 2002 N CP(K)
Printed in Japan
SILICON POWER TRANSISTOR
2SA1649, 2SA1649-Z
PNP SILICON EPITAXIAL POWER TRANSISTOR
FOR HIGH-SPEED SWITCHING
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2002
The 2SA1649 is a mold power transistor developed for high-
speed switching and features a very low collector-to-emitter
saturation voltage.
This transistor is ideal for use in switching regulators, DC/DC
converters, motor drivers, solenoid drivers, and other low-voltage
power supply devices, as well as for high-current switching.
FEATURES
• Available for high-current control in small dimension
• Z type is a lead processed product and is deal for mounting a
hybrid IC.
• Mold package that does not require an insulating board or
insulation bushing
• Low collector saturation voltage:
VCE(sat) =
−0.3 V MAX. (@IC = −3 A)
• Fast switching speed:
tf = 0.3
µs MAX. (@IC = −3 A)
• High DC current amplifiers and excellent linearity
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
−40
V
Collector to emitter voltage
VCEO
−30
V
Emitter to base voltage
VEBO
−7.0
V
Collector current (DC)
IC(DC)
−10
A
Collector current (pulse)
IC(pulse)*
−20
A
Base current (DC)
IB(DC)
−3.5
A
Total power dissipation
PT (Tc = 25
°C)
15
W
Total power dissipation
PT (Ta = 25
°C)
1.0**, 2.0***
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
PACKAGE DRAWING (UNIT: mm)
(OHFWURGH &RQQHFWLRQ
%DVH
 &ROOHFWRU
(PLWWHU
)LQ FROOHFWRU
*:
PW
≤ 300
µs, duty cycle ≤ 10%
**: Printing board mounted
***: 7.5 mm
2
× 0.7 mm ceramic board mounted


Similar Part No. - 2SA1649

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1649 ISC-2SA1649 Datasheet
283Kb / 2P
isc Silicon PNP Power Transistor
logo
Renesas Technology Corp
2SA1649 RENESAS-2SA1649 Datasheet
276Kb / 7P
SILICON POWER TRANSISTOR
2002
logo
Inchange Semiconductor ...
2SA1649-Z ISC-2SA1649-Z Datasheet
244Kb / 2P
isc Silicon PNP Power Transistor
logo
Renesas Technology Corp
2SA1649 RENESAS-2SA1649_15 Datasheet
276Kb / 7P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results

Similar Description - 2SA1649

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1743 NEC-2SA1743 Datasheet
130Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1652 NEC-2SA1652 Datasheet
161Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 NEC-2SA1742 Datasheet
126Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1744 NEC-2SA1744 Datasheet
144Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1843 NEC-2SA1843 Datasheet
144Kb / 6P
PNP SILICON EPITAXIAL POWER TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1845 NEC-2SA1845 Datasheet
139Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SB1453 NEC-2SB1453 Datasheet
130Kb / 6P
PNP SILICON EPITAXIAL POWER TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Renesas Technology Corp
2SA1843 RENESAS-2SA1843_15 Datasheet
267Kb / 8P
PNP SILICON EPITAXIAL POWER TRANSISTOR FOR HIGH-SPEED SWITCHING
2SB1453 RENESAS-2SB1453_15 Datasheet
253Kb / 8P
PNP SILICON EPITAXIAL POWER TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Galaxy Semi-Conductor H...
2SA1615 BILIN-2SA1615 Datasheet
266Kb / 5P
PNP Silicon Epitaxial Transistor for High-speed Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com