Electronic Components Datasheet Search
  English  ▼

X  

2SA1650 Datasheet(PDF) 2 Page - NEC

Part # 2SA1650
Description  PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1650 Datasheet(HTML) 2 Page - NEC

  2SA1650 Datasheet HTML 1Page - NEC 2SA1650 Datasheet HTML 2Page - NEC 2SA1650 Datasheet HTML 3Page - NEC 2SA1650 Datasheet HTML 4Page - NEC 2SA1650 Datasheet HTML 5Page - NEC 2SA1650 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D16122EJ1V0DS
2
2SA1650
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−100 V, IE = 0
−10
µA
Emitter cutoff current
IEBO
VEB =
−5 V, IC = 0
−10
µA
DC current gain
hFE1*
VCE =
−2 V, IC = −0.5 A
100
−
DC current gain
hFE2*
VCE =
−2 V, IC = −1 A
100
400
−
DC current gain
hFE3*
VCE =
−2 V, IC = −3 A
60
−
Collector saturation voltage
VCE(sat)1*
IC =
−3 A, IB = −0.15 A
−0.3
V
Collector saturation voltage
VCE(sat)2*
IC =
−4 A, IB = −0.2 A
−0.5
V
Base saturation voltage
VBE(sat)1*
IC =
−3 A, IB = −0.15 A
−1.2
V
Base saturation voltage
VBE(sat)2*
IC =
−4 A, IB = −0.2 A
−1.5
V
Gain bandwidth product
fT
VCE =
−10 V, IC = −0.5 A
150
MHz
Collector capacitance
Cob
VCB =
−10 V, IE = 0, f = 1 MHz
130
pF
Turn-on time
ton
0.3
µs
Storage time
tstg
1.5
µs
Fall time
tf
IC =
−3 A, IB1 = −IB2 = −0.15 A,
RL = 10
Ω, VCC = −50 V
Refer to the test circuit.
0.4
µs
* Pulse test PW
≤ 350
µs, duty cycle ≤ 2%
hFE CLASSIFICATION
Marking
M
L
K
hFE2
100 to 200
150 to 300
200 to 400
SWITCHING TIME TEST CIRCUIT
Base current
waveform
Collector current
waveform



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com